Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C451FNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FNR
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C451FNR Datasheet HTML 4Page - Texas Instruments TL16C451FNR Datasheet HTML 5Page - Texas Instruments TL16C451FNR Datasheet HTML 6Page - Texas Instruments TL16C451FNR Datasheet HTML 7Page - Texas Instruments TL16C451FNR Datasheet HTML 8Page - Texas Instruments TL16C451FNR Datasheet HTML 9Page - Texas Instruments TL16C451FNR Datasheet HTML 10Page - Texas Instruments TL16C451FNR Datasheet HTML 11Page - Texas Instruments TL16C451FNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tcW
Cycle time, write (tw6 + td5 + td6)
175
ns
tw1
Pulse duration, clock
1
50
ns
tw2
Pulse duration, clock
1
50
ns
tw5
Pulse duration, write strobe (IOW)
2
80
ns
tw6
Pulse duration, read strobe (IOR)
3
80
ns
twRST
Pulse duration, reset
1000
ns
tsu1
Setup time, address (A0 – A2) valid before IOW
2, 3
15
ns
tsu2
Setup time, chip select (CSx) valid before IOW
2, 3
15
ns
tsu3
Setup time, data (D0 – D7) valid before IOW
2
15
ns
th1
Hold time, address (A0 – A2) valid after IOW
2, 3
20
ns
th2
Hold time, chip select (CSx) valid after IOW
2, 3
20
ns
th3
Hold time, data (D0 – D7) valid before IOW
2
15
ns
td3
Delay time, write cycle (IOW)
↑ to IOW↓
2
80
ns
td4
Delay time, read cycle (IOR)
↑ to IOR↓
3
80
ns
system switching characteristics over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td5
Delay time, data (D0 – D7) valid before read (IOR)
3
CL = 100 pF
60
ns
td6
Delay time, floating data (D0 – D7) valid after read (IOR)
3
CL = 100 pF
0
60
ns
tdis(R)
Read to driver disable, IOR
↓ to BD0↓
3
CL = 100 pF
60
ns
receiver switching characteristics over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td7
Delay time, RCLK
↑ to sample clock↑
4
100
ns
td8
Delay time stop (sample clock)
↑ to set interrupt (INTRPT)↑
4
1
1
RCLK
td8
Delay time, stop (sample clock)
↑ to set interrupt (INTRPT)↑
4
1
1
cycles
td9
Delay time, read RBR/LSR (IOR)
↑ to reset interrupt (INTRPT)↓
4
CL = 100 pF
140
ns
transmitter switching characteristics over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td10
Delay time initial write THR (IOW)
↑ to transmit start (SOUT)↓
5
8
24
baudout
td10
Delay time, initial write THR (IOW)
↑ to transmit start (SOUT)↓
5
8
24
cycles
td11
Delay time stop (SOUT) low to interrupt (INTRPT)
5
8
8
baudout
td11
Delay time, stop (SOUT) low to interrupt (INTRPT)
5
8
8
cycles
td12
Delay time, write THR (IOW)
↓ to reset interrupt (INTRPT) low
5
CL = 100 pF
140
ns
td13
Delay time initial write (IOW)
↑ to THRE interrupt (INTRPT)↑
5
16
32
baudout
td13
Delay time, initial write (IOW)
↑ to THRE interrupt (INTRPT)↑
5
16
32
cycles
td14
Delay time, read IIR (IOR)
↑ to reset THRE interrupt (INTRPT) low
5
CL = 100 pF
140
ns
modem control switching characteristics over recommended ranges of supply voltage and
operating free-air temperature
PARAMETER
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td15
Delay time, write MCR (IOW)
↑ to output (RTS, DTS)↓↑
6
CL = 100 pF
100
ns


Similar Part No. - TL16C451FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C451FNR TI-TL16C451FNR Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FNRG4 TI-TL16C451FNRG4 Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
More results

Similar Description - TL16C451FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C451 TI-TL16C451 Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451 TI-TL16C451_08 Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com