Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLT2389-41AC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XLT2389-41AC
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XLT2389-41AC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XLT2389-41AC Datasheet HTML 1Page - List of Unclassifed Manufacturers XLT2389-41AC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0235
Rev D
Page 1 of 2
Thermoelectric Cooler XLT2389
Performance Values
Mechanical Characteristics
COLD SIDE, Tc
HOT SIDE, Th
NEGATIVE LEAD (BLACK)
POSITIVE LEAD (RED)
.1200±.001 [3.048±0.025]
1.411±.005
[35.84±0.13]
1.978±.005 [50.24±0.13]
2.142±.005 [54.41±0.13]
.0008 [0.020] A
.0008 [0.020]
.0008 [0.020]
1.433±.005
[36.40±0.13]
.011 [0.28]
TYP
WIRE LENGTH: 1.7 ± .1
STRIP LENGTH: .12 ± .05 (TEC END)
.40 ± .05 (CUSTOMER END)
LEADWIRES:
18 AWG, 19/30 STRANDING,
TEFLON INSULATED
Dimensions in [ ] are millimeters
Ceramic Material: Alumina (AC)
Ordering Options
Features
ACR Matched in sets of four and eight
Specifically designed for thermal cycling
applications
Capable of rapid heating and cooling rates
Proven High Reliability (Data available upon
request)
Rugged construction
Porched configuration for enhanced
leadwire strength
Leadwires attached with 183°C solder
Rated operating temperature of 130°C
Height tolerance of ± 0.001 in. (± 0.025 mm)
allows for multiple module applications
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
58
66
Qmax (watts):
95
106
Imax (amps):
19.0
18.8
Vmax (vdc):
7.7
8.5
AC Resistance (ohms):
0.34
---
Model Number
Description
XLT2389-31AC
Undiced, one cooler
XLT2389-34AC
Undiced, ACR matched set, four
XLT2389-38AC
Undiced, ACR matched set, eight
XLT2389-41AC
Diced, one cooler
XLT2389-44AC
Diced, ACR matched set, four
XLT2389-48AC
Diced, ACR matched set, eight
XLT2389-71AC
Undiced, One cooler, no leadwires
XLT2389-78AC
Undiced, ACR matched set, eight,
no leadwires
XLT2389-81AC
Diced, One cooler, no leadwires
XLT2389-83AC
Diced, ACR matched set, three,
no leadwires
XLT2389-88AC
Diced, ACR matched set, eight,
no leadwires


Similar Part No. - XLT2389-41AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT2385 ETC2-XLT2385 Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-03AC ETC2-XLT2385-03AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-04AC ETC2-XLT2385-04AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-05AC ETC2-XLT2385-05AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-06AC ETC2-XLT2385-06AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - XLT2389-41AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com