Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLT2389 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XLT2389
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XLT2389 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XLT2389 Datasheet HTML 1Page - List of Unclassifed Manufacturers XLT2389 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0235
Rev D
Page 2 of 2
Performance Curves
Environment: One atmosphere dry nitrogen
TA = 27°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
0
4
8
12162024
Heat
Load (W)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12162024
Current (amps)
Q = 0
ΔT = 0
TA = 50°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
70
0
4
8
12162024
Heat
Load (W)
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12162024
Current (amps)
Q = 0
ΔT = 0
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult
one of our Applications Engineers.
Installation
XLT coolers are typically mounted under compression using thermal grease or flexible graphite products.
Consult Marlow Industries’ Thermoelectric Installation Guide for more details. For additional information,
please contact one of our application engineers for technical support.
Addresses
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
+44 (0)1444-443404 (tel)
+44 (0)1444-443334(fax)
Marlow Industries Japan
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
+81 (3) 5454-5280 (tel)
+81 (3) 5454-5281(fax)


Similar Part No. - XLT2389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT2385 ETC2-XLT2385 Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-03AC ETC2-XLT2385-03AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-04AC ETC2-XLT2385-04AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-05AC ETC2-XLT2385-05AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
XLT2385-06AC ETC2-XLT2385-06AC Datasheet
232Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - XLT2389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com