Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9111E181ER Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9111E181ER
Description  PFM Controlled Step-Up DC/DC Converter / Controller ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9111E181ER Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9111E181ER Datasheet HTML 10Page - Torex Semiconductor XC9111E181ER Datasheet HTML 11Page - Torex Semiconductor XC9111E181ER Datasheet HTML 12Page - Torex Semiconductor XC9111E181ER Datasheet HTML 13Page - Torex Semiconductor XC9111E181ER Datasheet HTML 14Page - Torex Semiconductor XC9111E181ER Datasheet HTML 15Page - Torex Semiconductor XC9111E181ER Datasheet HTML 16Page - Torex Semiconductor XC9111E181ER Datasheet HTML 17Page - Torex Semiconductor XC9111E181ER Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14/35
XC9110/XC9111 Series
L:
100μH
(Coil, CR54, SUMIDA)
L: 47μH (Coil, CR54, SUMIDA)
SD: XB01SB04A2BR
(Schottky type, TOREX)
SD: XB01SB04A2BR (Schottky type, TOREX)
CL: 16V, 47μF
(Tantalum)
CL: 16V, 47μF (Tantalum)
CIN: 16V, 47μF
(Tantalum)
CIN: 16V, 47μF (Tantalum)
RB: 500Ω
CB: 2200pF
Tr: 2SD1628
TYPICAL APPLICATION CIRCUITS
C type circuit
D type circuit
E type circuit
F type circuit
L:
100μH
(Coil, CR54,SUMIDA)
SD: XB01SB04A2BR
(Schottky type, TOREX)
CL: 16V, 47μF
(Tantalum)
CIN: 16V, 47μF
(Tantalum)
L:
47μH
(Coil, CR54,SUMIDA)
SD: XB01SB04A2BR
(Schottky type, TOREX)
CL: 16V, 47μF
(Tantalum)
CIN: 16V, 47μF
(Tantalum)
RB: 500Ω
CB: 2200pF
Tr: 2SD1628
(SANYO)
L:
100μH
(Coil, CR54,SUMIDA)
SD: XB01SB04A2BR
(Schottky type, TOREX)
CL: 16V, 47μF
(Tantalum)
CIN: 16V, 47μF
(Tantalum)
L:
47μH
(Coil, CR54,SUMIDA)
SD: XB01SB04A2BR
(Schottky type, TOREX)
CL: 16V, 47μF
(Tantalum)
CIN: 16V, 47μF
(Tantalum)
RB: 1kΩ
CB: 3300pF
Tr: 2SD1628
(SANYO)
A type circuit
B type circuit


Similar Part No. - XC9111E181ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADR TOREX-XC9116B02ADR Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
More results

Similar Description - XC9111E181ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com