Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC6-8-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC6-8-01
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC6-8-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC6-8-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC6-8-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI INCORPORATED
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0277
Rev B
Page 1 of 2
Thermoelectric Cooler RC6-8
RoHS 2002/95/EC Compliant
Performance Values
Mechanical Characteristics
COLD SIDE, Tc
.139±.001 [3.53±0.03]
.143±.005 [3.63±0.13]
HOT SIDE, Th
POSITIVE LEAD (WHITE)
NEGATIVE LEAD (BLACK)
.68±.41
[17.27±10.41]
1.18
[29.97]
1.18 [29.97]
1.34 [34.04]
4.00 ±.50
-01L, -01LS
.001 [0.03]
.002 [0.05]
-01, -01S
.002 [0.05]
.003 [0.08]
A
.002 [0.05]
.001 [0.03]
A
-01, -01S
-01L, -01LS
20 AWG LEADS, TEFLON INSULATED
Ceramic Material: Alumina (AC)
Dimensions in [ ] are millimeters
[101.6 ± 12.7]
-04
COLD SIDE, Tc
.143±.005 [3.63±0.13]
HOT SIDE, Th
1.18
[29.97]
1.18 [29.97]
1.34 [34.04]
- 04
.002 [0.05]
.003 [0.08]
A
.002 [0.05]
A
-04
Ceramic Material: Alumina (AC)
Dimensions in [ ] are millimeters
1.04±.04
[26.50±1.00]
24 AWG, SOLID BUSS WIRE,
1.02 ±.12
[26.00 ±3.00]
TIN COATED
Ordering Options
Features
RoHS 2002/95/EC compliant
Solid-state reliability.
Built with high temperature solder with the ability to
withstand higher assembly processing temperatures
for short periods of time (<160
°C).
Superior nickel diffusion barriers on elements
High strength for rugged environment.
Porched configuration for enhanced leadwire strength
RTV sealing available (Optional)
Lapped option available for multiple module
applications.
Hot Side Temperature
(°C)
27°C
50°C
Δ Tmax (°C-dry N2):
65
73
Qmax (watts):
39
43
Imax (amps):
7.4
7.4
Vmax (vdc):
8.2
9.2
AC Resistance
(ohms):
0.9
---
Model Number
Description
RC6-8-01
Base Model w/ leads
RC6-8-01L
Lapped Model
RC6-8-01S
Sealed Model
RC6-8-01LS
Lapped and Sealed Model
RC6-8-04
Base Model w/Buss Wire


Similar Part No. - RC6-8-01

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC6-8-01 VIMARLOW-RC6-8-01 Datasheet
161Kb / 2P
   Single-Stage Thermoelectric Cooler
RC6-8-01L VIMARLOW-RC6-8-01L Datasheet
161Kb / 2P
   Single-Stage Thermoelectric Cooler
RC6-8-01LS VIMARLOW-RC6-8-01LS Datasheet
161Kb / 2P
   Single-Stage Thermoelectric Cooler
RC6-8-01S VIMARLOW-RC6-8-01S Datasheet
161Kb / 2P
   Single-Stage Thermoelectric Cooler
More results

Similar Description - RC6-8-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com