Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4116 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4116
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4116 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4116 Datasheet HTML 4Page - Analog Devices ADF4116 Datasheet HTML 5Page - Analog Devices ADF4116 Datasheet HTML 6Page - Analog Devices ADF4116 Datasheet HTML 7Page - Analog Devices ADF4116 Datasheet HTML 8Page - Analog Devices ADF4116 Datasheet HTML 9Page - Analog Devices ADF4116 Datasheet HTML 10Page - Analog Devices ADF4116 Datasheet HTML 11Page - Analog Devices ADF4116 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADL5375
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5375
TOP VIEW
(Not to Scale)
DSOP
LOIP
COMM
LOIN
COMM
NC
VPS1
RFOUT
COMM
NC
COMM
NC
1
3
2
4
5
6
18
16
17
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DSOP
Output Disable. A logic high on this pin disables the RF output. Connect this pin to ground or leave it
floating to enable the output.
2, 5, 8, 11, 12,
14, 17, 19, 20, 23
COMM
Input Common Pins. Connect to the ground plane via a low impedance path.
3, 4
LOIP, LOIN
Local Oscillator Inputs.
Single-ended operation: The LOIP pin is driven from the LO source through an ac-coupling capacitor
while the LOIN pin is ac-coupled to ground through a capacitor.
Differential operation: The LOIP and LOIN pins must be driven differentially through ac-coupling
capacitors in this mode of operation.
6, 7, 13, 15,
NC
No Connect. These pins can be left open or tied to ground.
9, 10, 21, 22
QBBN, QBBP,
IBBP, IBBN
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs should be
dc-biased to the recommended level depending on the version.
ADL5375-05: 500 mV
ADL5375-15: 1500 mV
These inputs should be driven from a low impedance source. Nominal characterized ac signal swing is
500 mV p-p on each pin. This results in a differential drive of 1 V p-p. These inputs are not self-biased
and have to be externally biased.
16
RFOUT
RF Output. Single-ended, 50 Ω internally biased RF output. RFOUT must be ac-coupled to the load.
18, 24
VPS1, VPS2
Positive Supply Voltage Pins. All pins should be connected to the same supply (VS). To ensure adequate
external bypassing, connect 0.1 μF and 1000 pF capacitors between each pin and ground.
EP
Exposed Paddle. Connect to the ground plan via a low impedance path.


Similar Part No. - ADF4116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADF4116BCP AD-ADF4116BCP Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116BRU AD-ADF4116BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116BRU AD-ADF4116BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Similar Description - ADF4116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com