Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT41AT Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHCT41AT
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT41AT Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCT41AT Datasheet HTML 1Page - STMicroelectronics 74VHCT41AT Datasheet HTML 2Page - STMicroelectronics 74VHCT41AT Datasheet HTML 3Page - STMicroelectronics 74VHCT41AT Datasheet HTML 4Page - STMicroelectronics 74VHCT41AT Datasheet HTML 5Page - STMicroelectronics 74VHCT41AT Datasheet HTML 6Page - STMicroelectronics 74VHCT41AT Datasheet HTML 7Page - STMicroelectronics 74VHCT41AT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
(*)
15
5.0
6.9
1.0
8.0
ns
5.0
(*)
50
5.5
7.9
1.0
9.0
tPLZ
tPHZ
Output Disable Time
5.0
(*)
15
RL =1K
8.3
11.3
1.0
13.0
ns
5.0
(*)
50
8.8
12.3
1.0
14.0
tPZL
tPZH
Output Enable Time
5.0
(*)
50
RL =1K
9.4
11.9
1.0
13.5
ns
(*) Voltage range is 5.0V
± 0.5V
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
4.5 to 5.5
2
2
V
VIL
Low Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50
µA4.4
4.5
4.4
V
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
4.5
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
IOZ
High Impedance
Output Leakage
Current
4.5 to 5.5
VI =VIH orVIL
VO =0V to5.5V
±0.25
±2.5
µA
II
Input Leakage Current
0 to 5.5
VI =5.5Vor GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC orGND
2
20
µA
∆ICC
Additional Worst Case
Supply Current
5.5
One Input at 3.4V,
other input at VCC or
GND
1.35
1.5
mA
IOPD
Output Leakage
Current
0VOUT = 5.5V
0.5
5.0
µA
74VHCT541A
3/8


Similar Part No. - 74VHCT41AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT00 STMICROELECTRONICS-74VHCT00 Datasheet
53Kb / 7P
   QUAD 2-INPUT NAND GATE
74VHCT00A STMICROELECTRONICS-74VHCT00A Datasheet
53Kb / 7P
   QUAD 2-INPUT NAND GATE
logo
Fairchild Semiconductor
74VHCT00A FAIRCHILD-74VHCT00A Datasheet
76Kb / 8P
   Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHCT00A STMICROELECTRONICS-74VHCT00A Datasheet
222Kb / 11P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74VHCT00A ONSEMI-74VHCT00A Datasheet
226Kb / 8P
   Quad 2-Input NAND Gate
December 2007 Rev. 1.4.0
More results

Similar Description - 74VHCT41AT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74AC244 STMICROELECTRONICS-74AC244 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
April 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com