Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESAC93M-02R Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ESAC93M-02R
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESAC93M-02R Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ESAC93M-02R Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESAC93M-02R Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESAC93M-02R Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007
年3
保守廃止予定機種
This
product
is scheduled
be
obsolete
on
march
2007.
Not
recommend
for
new
design.
1. Gate
2. Drain
3. Source
15.5
5.45
5.45
5.5
3.2
1.6
3.5
1.1
2.1
0.6
±0.3
±0.3
±0.2
±0.2
±0.2
±0.3
±0.3
+0.2
+0.3
+0.2
—0.1
±0.2
ø3.2
ESAC93M-02R (12A)
( 200V / 12A )
LOW LOSS SUPER HIGH SPEED RECTIFIER
Outline drawings, mm
Features
Insulated package by fully molding
Low VF
Super high speed switching
High reliability by planer design
Applications
High speed power switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
60
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-c)
Conditions
IFM=6.0A
VR=VRRM
IF=0.1A, IR=0.2A, Irec=0.05A
Junction to case
Max.
0.95
100
35
2.7*
Unit
V
µA
ns
°C/W
Square wave, duty=1/2, Tc=116°C
Sine wave 10ms
Rating
200
200
12*
Connection diagram
*Average forward current of centertap full wave connection
1
3
JEDEC
EIAJ
2


Similar Part No. - ESAC93M-02R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAC93M-02 FUJI-ESAC93M-02 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Similar Description - ESAC93M-02R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ESAD92M-02R FUJI-ESAD92M-02R Datasheet
89Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com