Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY8SG-U1V1-3K6L-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWY8SG-U1V1-3K6L-1
Description  Micro SIDELED짰 long life Enhanced optical Power LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY8SG-U1V1-3K6L-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWY8SG-U1V1-3K6L-1 Datasheet HTML 4Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 5Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 11Page - OSRAM GmbH LWY8SG-U1V1-3K6L-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LW Y8SG
2007-10-19
8
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 20 mA
Relative Lichtstärke
2) 7) Seite 17
Relative Luminous Intensity
2) 7) page 17
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
I
V/IV(25 °C) = f (Tj); IF = 20 mA
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5
V 5
5
mA
VF
F
I
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
Tj
100
OHL02397
V
F
V
Δ
V (20 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02386
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4


Similar Part No. - LWY8SG-U1V1-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
More results

Similar Description - LWY8SG-U1V1-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWA6SG OSRAM-LWA6SG Datasheet
589Kb / 17P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
LWY2SG OSRAM-LWY2SG Datasheet
581Kb / 17P
   Micro SIDELED짰 0.8mm long life
LWY1SG OSRAM-LWY1SG Datasheet
605Kb / 17P
   Micro SIDELED짰 0.8mm long life
LBA6SG OSRAM-LBA6SG Datasheet
555Kb / 16P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LWY87C OSRAM-LWY87C Datasheet
159Kb / 15P
   Micro SIDELEDR Enhanced optical Power LED (ATONR)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com