Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT12-6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DT12-6
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DT12-6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DT12-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers DT12-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermoelectric Cooler
DT12-6
Copyright 2000, Marlow Industries, Inc. Marlow Industries reserves the right to change the design and specifications of products without notice. 102-0155, Rev D
Performance Curves
Environment: One atmosphere dry nitrogen
Hot Side Temperature: 50°C
Hot Side Temperature: 27°C
0.0
4.0
8.0
12.0
16.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
CURRENT (AMPS)
0.0
20.0
40.0
60.0
80.0
Q=0
HEAT
LOAD
(WATTS)
0.00
5.00
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.0
4.0
8.0
12.0
16.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
CURRENT (AMPS)
0.0
20.0
40.0
60.0
80.0
Q=0
HEAT
LOAD
(WATTS)
0.00
5.00
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
T=0
T=0
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult one of our
Applications Engineers.
Installation
Consult Marlow Industries’ Thermoelectric Installation Guide or reliability report for more details. For additional
information, please contact one of our application engineers for technical support.
Operation Cautions
Maximum storage and operation +150°C.
For maximum reliability, storage and operation below 85°C is recommended. Excessive power cycling and powering
through thermostatic (on/off) control is not recommended.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
TEL: 214-340-4900
FAX: 214-341-5212
Internet: www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
TEL: +44 (0)1444-443404
FAX: +44 (0)1444-443334
Marlow Industries Asia
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
TEL: +81 (3) 5454-5280
FAX: +81 (3) 5454-5281


Similar Part No. - DT12-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01 ETC2-DT12-2.5-01 Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01L ETC2-DT12-2.5-01L Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01LS ETC2-DT12-2.5-01LS Datasheet
129Kb / 2P
   Thermoelectric Cooler
DT12-2.5-01S ETC2-DT12-2.5-01S Datasheet
129Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - DT12-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com