Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC208MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC208MS8
Description  GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC208MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC208MS8_00 Datasheet HTML 1Page - Hittite Microwave Corporation HMC208MS8_00 Datasheet HTML 2Page - Hittite Microwave Corporation HMC208MS8_00 Datasheet HTML 3Page - Hittite Microwave Corporation HMC208MS8_00 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4 - 138
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2000
4
40
45
50
55
60
65
0.6
0.8
1
1.2
1.4
1.6
1.8
LO FREQUENCY (GHz)
-40C
+85C
+25C
14
15
16
17
18
19
20
0.6
0.8
1
1.2
1.4
1.6
1.8
LO FREQUENCY (GHz)
+13 dBm
+9 dBm
+11 dBm
30
35
40
45
50
55
60
65
0.6
0.8
1
1.2
1.4
1.6
1.8
LO FREQUENCY (GHz)
+13 dBm
+9 dBm
+11 dBm
O
L
n
F
R
m
0
1
2
3
4
0x
x2
5
27
15
4
16
10
2
58
37
2
20
65
52
72
67
7
35
66
98
84
61
9
45
0
1
>5
0
1
>5
0
1
>0
0
15
0
1
>
m
B
d
0
1
-
@
z
H
G
9
.
0
=
F
R
m
B
d
3
1
+
@
z
H
G
7
9
.
0
=
O
L
F
I
e
h
t
o
t
e
v
i
t
a
l
e
r
c
B
d
n
i
s
e
u
l
a
v
l
l
A
15.5
16
16.5
17
17.5
18
18.5
19
19.5
0.6
0.8
1
1.2
1.4
1.6
1.8
LO FREQUENCY (GHz)
-40C
+85C
+25C
Input IP2 vs. LO Drive
Input IP3 vs. LO Drive
MXN Spurious Outputs
Input IP3 vs. Temperature
@ LO = +13 dBm
Input IP2 vs. Temperature
@ LO = +13 dBm
t
r
o
P
F
R
t
a
r
u
p
S
O
L
n
)
z
H
G
(
y
c
n
e
u
q
e
r
F
O
L
1
2
3
4
7
.
00
50
47
41
6
9
.
06
44
56
51
7
1
.
19
34
51
52
7
3
.
14
33
51
50
9
5
.
11
30
55
67
8
7
.
18
20
52
72
8
m
B
d
3
1
+
=
O
L
t
r
o
p
F
R
e
h
t
t
a
d
e
r
u
s
a
e
m
l
e
v
e
l
O
L
t
u
p
n
i
w
o
l
e
b
c
B
d
n
i
s
e
u
l
a
V
Harmonics of LO
HMC208MS8 SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC208MS8


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC110G161 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC338LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC258LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC620LC4GaAs MMIC I/Q MIXER 3 - 7 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-MDB218GaAs MMIC SUB-HARMONIC IRM MIXER 54 - 64 GHz 1 2 3 4 Hittite Microwave Corporation
HMC561LP3SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C047GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MA4EX2401GaAs MMIC Double Balanced 24 GHz Mixer 1 2 3 4 Tyco Electronics
HMC-C046GaAs MMIC I/Q MIXER MODULE 20 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC573LC3BSMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 22 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn