Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM150GB120DLC Datasheet(PDF) 2 Page - eupec GmbH

Part # BSM150GB120DLC
Description  Technische Information / Technical Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM150GB120DLC Datasheet(HTML) 2 Page - eupec GmbH

  BSM150GB120DLC Datasheet HTML 1Page - eupec GmbH BSM150GB120DLC Datasheet HTML 2Page - eupec GmbH BSM150GB120DLC Datasheet HTML 3Page - eupec GmbH BSM150GB120DLC Datasheet HTML 4Page - eupec GmbH BSM150GB120DLC Datasheet HTML 5Page - eupec GmbH BSM150GB120DLC Datasheet HTML 6Page - eupec GmbH BSM150GB120DLC Datasheet HTML 7Page - eupec GmbH BSM150GB120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM150GB120DLC
vorläufige Daten
preliminary data
Charakteristische Werte / Characteristic values
Transistor / Transistor
min.
typ.
max.
Einschaltverzögerungszeit (ind. Last)
IC = 150A, VCE = 600V
turn on delay time (inductive load)
VGE = ±15V, RG = 5,6Ω, Tvj = 25°C
td,on
-
0,05
-
µs
VGE = ±15V, RG = 5,6Ω, Tvj = 125°C
-
0,06
-
µs
Anstiegszeit (induktive Last)
IC = 150A, VCE = 600V
rise time (inductive load)
VGE = ±15V, RG = 5,6Ω, Tvj = 25°C
tr
-
0,05
-
µs
VGE = ±15V, RG = 5,6Ω, Tvj = 125°C
-
0,07
-
µs
Abschaltverzögerungszeit (ind. Last)
IC = 150A, VCE = 600V
turn off delay time (inductive load)
VGE = ±15V, RG = 5,6Ω, Tvj = 25°C
td,off
-
0,57
-
µs
VGE = ±15V, RG = 5,6Ω, Tvj = 125°C
-
0,57
-
µs
Fallzeit (induktive Last)
IC = 150A, VCE = 600V
fall time (inductive load)
VGE = ±15V, RG = 5,6Ω, Tvj = 25°C
tf
-
0,04
-
µs
VGE = ±15V, RG = 5,6Ω, Tvj = 125°C
-
0,05
-
µs
Einschaltverlustenergie pro Puls
IC = 150A, VCE = 600V, VGE = 15V
turn-on energy loss per pulse
RG = 5,6Ω, Tvj = 125°C, LS = 60nH
Eon
-
17
-
mWs
Abschaltverlustenergie pro Puls
IC = 150A, VCE = 600V, VGE = 15V
turn-off energy loss per pulse
RG = 5,6Ω, Tvj = 125°C, LS = 60nH
Eoff
-
18
-
mWs
Kurzschlußverhalten
tP ≤ 10µsec, VGE ≤ 15V, RG = 5,6Ω
SC Data
TVj≤125°C, VCC=900V, VCEmax=VCES -LsCE ·dI/dt
ISC
-
950
-
A
Modulinduktivität
stray inductance module
LsCE
-
25
-
nH
Modul Leitungswiderstand, Anschlüsse – Chip
module lead resistance, terminals – chip
TC=25°C
RCC‘+EE‘
-
0,6
-
m
Charakteristische Werte / Characteristic values
Diode / Diode
min.
typ.
max.
Durchlaßspannung
IF = 150A, VGE = 0V, Tvj = 25°C
VF
-
1,8
2,3
V
forward voltage
IF = 150A, VGE = 0V, Tvj = 125°C
-
1,7
V
Rückstromspitze
IF = 150A, - diF/dt = 3100A/µsec
peak reverse recovery current
VR = 600V, VGE = -15V, T vj = 25°C
IRM
-
180
-
A
VR = 600V, VGE = -15V, T vj = 125°C
-
220
-
A
Sperrverzögerungsladung
IF = 150A, - diF/dt = 3100A/µsec
recovered charge
VR = 600V, VGE = -15V, T vj = 25°C
Qr
-
17
-
µAs
VR = 600V, VGE = -15V, T vj = 125°C
-
32
-
µAs
Abschaltenergie pro Puls
IF = 150A, - diF/dt = 3100A/µsec
reverse recovery energy
VR = 600V, VGE = -15V, T vj = 25°C
Erec
-
4
-
mWs
VR = 600V, VGE = -15V, T vj = 125°C
-
10
-
mWs
2(8)
DB_BSM150GB120DLC.xls


Similar Part No. - BSM150GB120DLC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM150GB120DLC INFINEON-BSM150GB120DLC Datasheet
263Kb / 8P
   62mm C-series module with low loss IGBT2 and EmCon diode
2007-09-11 revision:3.3
More results

Similar Description - BSM150GB120DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FZ800R12KL4C INFINEON-FZ800R12KL4C Datasheet
411Kb / 8P
   Technische Information / Technical Information
2013-10-02 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3 Datasheet
249Kb / 8P
   Technische Information / technical information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com