Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9509E036DL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9509E036DL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509E036DL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9509E036DL Datasheet HTML 1Page - Torex Semiconductor XC9509E036DL Datasheet HTML 2Page - Torex Semiconductor XC9509E036DL Datasheet HTML 3Page - Torex Semiconductor XC9509E036DL Datasheet HTML 4Page - Torex Semiconductor XC9509E036DL Datasheet HTML 5Page - Torex Semiconductor XC9509E036DL Datasheet HTML 6Page - Torex Semiconductor XC9509E036DL Datasheet HTML 7Page - Torex Semiconductor XC9509E036DL Datasheet HTML 8Page - Torex Semiconductor XC9509E036DL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5/41
XC9509
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current * XC9509H/K/L
IDD_VR
-
40
80
μ
A
1
Output Voltage
VROUT(E)
IROUT=30mA
3.234
3.300
3.366
V
2
Maximum Output Current
Imax2
200
-
-
mA
2
Load Regulation
VROUT
1mA<IROUT<100mA
-
15
50
mV
2
Dropout Voltage 1 (*6)
Vdif 1
IROUT=30mA
-
20
50
mV
2
Dropout Voltage 2
Vdif 2
IROUT=100mA
-
60
110
mV
2
Line Regulation
VROUT
( VIN・VROUT)
IROUT=30mA
4.3V<VIN<6.0V
-
0.05
0.25
%/V
2
Current Limit
Ilim2
VROUT=VROUT(E) x 0.9
240
300
-
mA
7
Short-Circuit Current
Ishort
VROUT=VSS
-
30
-
mA
7
Ripple Rejection Rate
PSRR
VIN=4.3VDC+0.5Vp-pAC,
IROUT=30mA, f=1kHz
-
60
-
dB
12
Output Voltage
Temperature Characteristics
VROUT
( Topr・VROUT)
IROUT=30mA
-40OC<Topr<85℃
-
±
100
-
ppm/
2
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Detect Voltage
VDF(E)
CE=0V
2.646
2.700
2.754
V
8
Hysteresis Range
VHYS
VHYS=[VDR(E)
(*11) - VDF(E)] / VDF(E) x 100
2
5
8
%
8
Output Current
* XC9509A/D/H
IVD
VIN=2.4V, VDOUT=0.5V, CE=0V
0.5
-
-
mA
9
Output Current
* XC9509B/C/E/F/K/L
IVD
VIN=2.4V, VDOUT=0.5V, CE=0V
1.0
-
-
mA
9
Output Voltage
Temperature Characteristics
VDF
( Topr・VDF)
-40OC<Topr<85℃
-
±
100
-
ppm/
8
XC9509xxxCAx (Continued)
Regulator (3.3V product)
Topr=25℃
Detector (2.7V product)
Test conditions: Unless otherwise stated:
DC/DC : VIN=3.6V [@ DCOUT:1.5V]
VR: VIN = 4.3V (VIN=VROUT(T) + 1.0V)
VD: VIN=5.0V
Common conditions for all test items: CE=VIN, MODE=0V
VROUT(T) : Setting Output Voltage
NOTE:
*1 : Including VD supply current (VD operates when in stand-by mode.)
*2 : Including hysteresis operating voltage range.
*3 : ON resistance (Ω)= 0.05 (V) / ILX (A)
*4 : EFFI = { ( output voltage x output current ) / ( input voltage x input current) } x 100
*5 : Time until it short-circuits DCOUT with GND through 1Ωof resistance from a state of operation and is set to DCOUT=0V from
current limit pulse generating.
*6 : Vdif = (VIN1
(*7) - VROUT1 (*8) )
*7 : VIN 1 = The input voltage when VROUT1 appears as input voltage is gradually decreased.
*8 : VROUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VROUT(T) + 1.0V} is input.
*9 : Current limit = When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or
serial resistance of coils.
*10: Integral latch circuit=latch time may become longer and latch operation may not work when VIN is 3.0V or more.
*11: VDR(E) = VD release voltage
*12: When temperature is high, a current of approximately 5.0μA (maximum) may leak.
*13: When using the IC with a regulator output at almost no load, a capacitor should be placed as close as possible between
AVDD and AGND (CIN2), connected with low impedance. Please also see the recommended pattern layout for your
reference. Should it not be possible to place the input capacitor nearby, the regulated output level may increase up to
the VDD level while the load of the DC/DC converter increases and the regulator output is at almost no load.
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC9509E036DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509E TOREX-XC9509E Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
More results

Similar Description - XC9509E036DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com