Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3X-NH Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. E3X-NH
Description  Fine Tuning Fiber Photoelectric Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NH Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3X-NH Datasheet HTML 1Page - Omron Electronics LLC E3X-NH Datasheet HTML 2Page - Omron Electronics LLC E3X-NH Datasheet HTML 3Page - Omron Electronics LLC E3X-NH Datasheet HTML 4Page - Omron Electronics LLC E3X-NH Datasheet HTML 5Page - Omron Electronics LLC E3X-NH Datasheet HTML 6Page - Omron Electronics LLC E3X-NH Datasheet HTML 7Page - Omron Electronics LLC E3X-NH Datasheet HTML 8Page - Omron Electronics LLC E3X-NH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Fine Tuning Fiber Photoelectric Sensor
E3X-NH
High-precision Sensing with Auto- and
Manual-tuning
Solves All the Problems of Conventional Models
Suitable for high-precision positioning using the
fine sensitivity adjustment function.
Manual-tuning allows threshold adjustments while
sensing objects are moving.
Operation conditions can be seen at a glance
through the incident level indicators and threshold
indicators.
Auto-tuning feature incorporates an automatic
sensitivity compensation function ensuring an
optimum margin for changes in sensing objects or
ambient environments.
Offers the longest sensing distance.
Newly added mark-sensing models (blue LED).
Ordering Information
Amplifier Units
Item
General-purpose models
Timer-function models
Mark-sensing
models
Output
NPN
PNP
NPN
PNP
NPN
Model
E3X-NH11
E3X-NH41
E3X-NH21
E3X-NH51
E3X-NHB11
Appearance
Light source (Wave length)
Red LED (680 nm)
Blue LED (470 mm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
75 mA max.
Output
Control output
NPN open
collector,
load current:
50
A
PNP open
collector,
load current:
50
A
NPN open
collector,
load current:
50
A
PNP open
collector,
load current:
50
A
NPN open collector,
load current:
50 mA max.,
id
l
lt
Alarm output
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
,
residual voltage:
1 V max.
Circuit protection
Output short-circuit, reverse polarity, mutual interference prevention
Response time
1 ms max. for operation and reset respectively
Sensitivity setting
Teaching method
Fine sensitivity adjustment
Automatic or manual fine threshold adjustment (13 levels)
Timer function
---
OFF-delay timer set to 40 ms
---


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn