Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYW5SN Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LYW5SN
Description  Platinum DRAGON Enhanced thin film LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYW5SN Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LYW5SN Datasheet HTML 6Page - OSRAM GmbH LYW5SN Datasheet HTML 7Page - OSRAM GmbH LYW5SN Datasheet HTML 8Page - OSRAM GmbH LYW5SN Datasheet HTML 9Page - OSRAM GmbH LYW5SN Datasheet HTML 10Page - OSRAM GmbH LYW5SN Datasheet HTML 11Page - OSRAM GmbH LYW5SN Datasheet HTML 12Page - OSRAM GmbH LYW5SN Datasheet HTML 13Page - OSRAM GmbH LYW5SN Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Vorläufige Daten / Preliminary Data
LR W5SN, LA W5SN, LY W5SN
2007-08-16
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
*The emitter die exhibits excellent performance
but slight package discoloration occurs at highest
temperatures.
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
020
80
60
40
100
140
˚C
T
Do not use current below 100 mA
100
0
200
400
300
500
I
700
600
800
OHL02947
F
900
mA
1100
Exemplarische durchschnittliche Lebens-
dauerfür mittlere Helligkeitsgruppe
2) Seite 17
Exemplary median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 500 mA
T
S = 25°C
50.000
Betriebsstunden
operating hours
I
F = 1000 mA
T
S = 85°C
30.000
Betriebsstunden
operating hours
I
F = 750 mA
T
S = 125°C
T
J = 150°C
1.000
Betriebsstunden
operating hours
I
F = 750 mA
T
S = 150°C
T
J = 175°C
100
Betriebsstunden
operating hours


Similar Part No. - LYW5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
   Golden DRAGON
LYW5SM-HZJZ-35-1 OSRAM-LYW5SM-HZJZ-35-1 Datasheet
611Kb / 22P
   white SMD package
LYW5SM-HZJZ-46-1 OSRAM-LYW5SM-HZJZ-46-1 Datasheet
611Kb / 22P
   white SMD package
LYW5SM-HZKX-35-J3T3 OSRAM-LYW5SM-HZKX-35-J3T3 Datasheet
645Kb / 21P
   Golden DRAGON
LYW5SM-JXKY-46-J3T3 OSRAM-LYW5SM-JXKY-46-J3T3 Datasheet
645Kb / 21P
   Golden DRAGON
More results

Similar Description - LYW5SN

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
logo
OSRAM GmbH
Q65110A6011 OSRAM-Q65110A6011 Datasheet
290Kb / 17P
   Platinum DRAGON짰 Enhanced thin film LED Lead (Pb) Free Product - RoHS Compliant
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
KOA Speer Electronics, ...
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
   High stability thin film Platinum sensor
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
logo
KOA Speer Electronics, ...
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
logo
OSRAM GmbH
LAE65F OSRAM-LAE65F Datasheet
189Kb / 13P
   Power TOPLED With Lens Enhanced Thin Film LED
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com