Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9511C14C3 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9511C14C3
Description  Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9511C14C3 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9511C14C3 Datasheet HTML 7Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 8Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 9Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 10Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 11Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 12Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 13Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 14Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
XC9511
Series
Application Information
1. The XC9511 series is designed for use with a ceramic output capacitor. If, however, the potential difference
between dropout voltage or output current is too large, a ceramic capacitor may fail to absorb the resulting high
switching energy and oscillation could occur on the output. If the input-output potential difference is large, connect
an electrolytic capacitor in parallel to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly
influenced by external component selection, such as the coil inductance, capacitance values, and board layout of
external components. Once the design has been completed, verification with actual components should be done.
3. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there
is the possibility that some cycles may be skipped completely.
4. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted
and there is the possibility that some cycles may be skipped completely: in this case, the Lx pin may not go low at all.
NOTES ON USE
DC/DC Waveform (3.3V, 1.2MHz)
5. The IC's DC/DC converter operates in synchronous mode when the coil current is in a continuous state and
non-synchronous mode when the coil current is in a discontinuous state. In order to maintain the load current
value when synchronous switches to non-synchronous and vise versa, a ripple voltage may increase because of
the repetition of switching between synchronous and non-synchronous. When this state continues, the increase
in the ripple voltage stops. To reduce the ripple voltage, please increase the load capacitance value or use a
schottky diode externally. When the current used becomes close to the value of the load current when
synchronous switches to non- synchronous and vise versa, the switching current value can be changed by
changing the coil inductance value.
In case changes to coil inductance are to values other than the
recommended coil inductance values, verification with actual components should be done.
Ics =
(VIN - DCOUT) x OnDuty / (L x Fosc)
Ics: Switching current from synchronous rectification to non-synchronous rectification
OnDuty: OnDuty ratio of P-ch driver transistor (
.=.step down ratio : DCOUT / VIN)
L: Coil inductance value
Fosc: Oscillation Frequency
IDOUT: The DC/DC load
current
< External Components>
L:4.7μH(CDRH4D28C,SUMIDA)
CIN:4.7μF(ceramic)
CL:10μF(ceramic)
< External Components>
L:4.7μH(CDRH4D28C,SUMIDA)
CIN:4.7μF(ceramic)
CL:10μF(ceramic)


Similar Part No. - XC9511C14C3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511C14CSRL TOREX-XC9511C14CSRL Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
More results

Similar Description - XC9511C14C3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com