Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9511C14C3 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9511C14C3
Description  Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9511C14C3 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9511C14C3 Datasheet HTML 4Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 5Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 6Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 7Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 8Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 9Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 10Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 11Page - Torex Semiconductor XC9511C14C3 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8/35
XC9511 Series
FOSC
L
1.2MHz
4.7μH
(CDRH4D28C, SUMIDA)
600KHz
10μH
(CDRH5D28, SUMIDA)
300kHz
22μH
(CDRH6D28, SUMIDA)
CIN
CL1
CL2 *
2
IROUT<300mA
4.7μF (ceramic, TAIYO YUDEN)
4.7μF
(ceramic, TAIYO YUDEN)
10μF
(ceramic, TAIYO YUDEN)
IROUT≧300mA
10μF (ceramic, TAIYO YUDEN)
TYPICAL APPLICATION CIRCUIT
SOP-8 (TOP VIEW)
OPERATIONAL EXPLANATION
The XC9511 series consists of a synchronous step-down DC/DC converter, a high speed LDO voltage regulator, and a
voltage detector.
DC/DC Converter
The series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase
compensation circuit, output voltage adjustment resistors, driver transistor, synchronous switch, current limiter circuit,
U.V.L.O. circuit and others. The series ICs compare, using the error amplifier, the voltage of the internal voltage
reference source with the feedback voltage from the VOUT pin through split resistors. Phase compensation is
performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the turn-on time
during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier
with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the
Lx pin to output a switching duty cycle. This process is continuously performed to ensure stable output voltage. The
current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and
modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop
even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from
300kHz, 600 kHz and 1.2 MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed for
PWM operation, and to synchronize all the internal circuits.
<PWM/PFM>
The XC9511A to C series are PWM control, while the XC9511D to F series can be automatically switched to PWM/PFM
control. The PWM mode of the XC9511A to C series are controlled on a specified frequency from light loads through to
heavy loads. Since the frequency is specified, the composition of a noise filter etc. becomes easy. However, the
efficiency at the time of the light load may become low. The XC9511D to F series can switch to PWM/PFM automatic
switching control. With the automatic PWM/PFM switching control function, the series ICs are automatically switched
from PWM control to PFM control mode under light load conditions. The series cannot control only PFM mode. If
during light load conditions the coil current becomes discontinuous and on-time rate falls lower than 30%, the PFM
circuit operates to output a pulse with 30% of a fixed on-time rate from the Lx pin. During PFM operation with this fixed
on-time rate, pulses are generated at different frequencies according to conditions of the moment. This causes a
reduction in the number of switching operations per unit of time, resulting in efficiency improvement under light load
conditions. However, since pulse output frequency is not constant, consideration should be given if a noise filter or the
like is needed. Necessary conditions for switching to PFM operation depend on input voltage, load current, coil value
and other factors.
SD *1: XB0ASB03A1BR (TOREX)
*1 The DC/DC converter of the XC9511 series automatically switches between synchronous / non-synchronous. The Schottky
diode is not normally needed. However, in cases where high efficiency is required when using the DC/DC converter during light
load while in non-synchronous operation, please connect a Schottky diode externally.
*2 Please pay much attention when external components are selected as recommended value of CL2 will be changed by the load
current.


Similar Part No. - XC9511C14C3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511C14CSRL TOREX-XC9511C14CSRL Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
More results

Similar Description - XC9511C14C3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com