Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9801B253DR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9801B253DR
Description  Regulated Voltage Step-Up Charge Pump ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801B253DR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9801B253DR Datasheet HTML 1Page - Torex Semiconductor XC9801B253DR Datasheet HTML 2Page - Torex Semiconductor XC9801B253DR Datasheet HTML 3Page - Torex Semiconductor XC9801B253DR Datasheet HTML 4Page - Torex Semiconductor XC9801B253DR Datasheet HTML 5Page - Torex Semiconductor XC9801B253DR Datasheet HTML 6Page - Torex Semiconductor XC9801B253DR Datasheet HTML 7Page - Torex Semiconductor XC9801B253DR Datasheet HTML 8Page - Torex Semiconductor XC9801B253DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
XC9801/XC9802 Series
Regulated Voltage Step-Up Charge Pump ICs
GENERAL DESCRIPTION
The XC9801 series are fixed regulated voltage step-up charge pump ICs which provide stable, highly efficient, positive
voltages with the only external components required being 2 capacitors.
Since regulating is done via the control of the charge pump's gate voltage waveform, ripple is minimal. Output voltage is
selectable in 100mV steps within a 2.5V ~ 6.0V range.
Control of the XC9802 switches to PFM (pulse skip) during light loads without affecting output impedance or ripple so that the
IC is protected against drops in efficiency. Connecting the SENSE pin to the GND pin allows the IC to be used as a voltage
doubler.
As well as the ultra small MSOP-8A and USP-8 packages, the small consumption current and high efficiencies of the series
make the XC9801 suitable for use with all types of battery operated applications.
APPLICATIONS
Palm top computers, PDAs
On board local power supplies
Various battery powered devices
TYPICAL APPLICATION CIRCUIT
FEATURES
Input Voltage Range
: 1.8V ~ 5.5V
Output Voltage Range
: 2.5V ~ 6.0V
Small Input Current
: 80μA (no load:XC9802)
Output Current
: 80mA (3.6V→5.0V step-up)
Oscillation Frequency
: 300kHz
Stand-by Current (CE ’L’)
: 2.0μA (MAX.)
PFM Operation During Light Loads (XC9802)
CE (Chip Enable) Function
Can be used as a step-up doubler (sense = 0V)
Packages
: MSOP-8A, USP-8
TYPICAL PERFORMANCE
CHARACTERISTICS
Regulation Output
ETR0802_002


Similar Part No. - XC9801B253DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801B333KR TOREX-XC9801B333KR Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
XC9801B50253DR TOREX-XC9801B50253DR Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253DR-G TOREX-XC9801B50253DR-G Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253KR TOREX-XC9801B50253KR Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253KR-G TOREX-XC9801B50253KR-G Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results

Similar Description - XC9801B253DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Renesas Technology Corp
VPA1000 RENESAS-VPA1000 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com