Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4852NE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC4852NE4
Description  DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4852NE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC4852NE4 Datasheet HTML 1Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 2Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 3Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 4Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 5Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 6Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 7Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 8Page - Texas Instruments SN74HC4852NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN74HC4852
DUAL 4TO1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS573 − MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Injection Current Cross−Coupling
<1mV/mA (see Figure 1)
D Low Crosstalk Between Switches
D Pin Compatible with SN74HC4052,
SN74LV4052A, and CD4052B
D 2-V to 6-V VCC Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This dual 4-to-1 CMOS analog multiplexer/demultiplexer is pin compatible with the 4052 function and also
features injection-current effect control. This feature has excellent value in automotive applications where
voltages in excess of normal supply voltages are common.
The injection-current effect control allows signals at disabled analog input channels to exceed the supply
voltage without affecting the signal of the enabled analog channel. This eliminates the need for external
diode/resistor networks typically used to keep the analog channel signals within the supply voltage range.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74HC4852N
SN74HC4852N
SOIC − D
Tube
SN74HC4852D
HC4852
−40
°C to 125°C
SOIC − D
Tape and reel
SN74HC4852DR
HC4852
−40
°C to 125°C
TSSOP − PW
Tube
SN74HC4852PW
HC4852
TSSOP − PW
Tape and reel
SN74HC4852PWR
HC4852
TVSOP − DGV
Tape and reel
SN74HC4852DGVR
HC4852
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
ON
INH
B
A
ON
CHANNEL
L
L
L
1Y0, 2Y0
L
L
H
1Y1, 2Y1
L
H
L
1Y2, 2Y2
L
H
H
1Y3, 2Y3
H
X
X
None
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2Y0
2Y2
2-COM
2Y3
2Y1
INH
NC
GND
VCC
1Y2
1Y1
1-COM
1Y0
1Y3
A
B
D, DGV, N, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HC4852NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852NE4 TI-SN74HC4852NE4 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4852NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com