Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4811 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4811
Description  IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4811 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4811 Datasheet HTML 1Page - OSRAM GmbH SFH4811 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007-12-07
2
SFH 4811, SFH 4813


Similar Part No. - SFH4811

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH481 SIEMENS-SFH481 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH481 OSRAM-SFH481 Datasheet
103Kb / 9P
   GaAlAs-Lumineszenzdioden
logo
Siemens Semiconductor G...
SFH481-1 SIEMENS-SFH481-1 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH481-1/2 OSRAM-SFH481-1/2 Datasheet
103Kb / 9P
   GaAlAs-Lumineszenzdioden
logo
Siemens Semiconductor G...
SFH481-2 SIEMENS-SFH481-2 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
More results

Similar Description - SFH4811

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
OSRAM GmbH
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH-4881 OSRAM-SFH-4881 Datasheet
162Kb / 11P
   Infrared Emitter (880 nm) in TO-46 Package
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
   Infrared Emitter (880 nm) in TO-46 Package
SFH4556 OSRAM-SFH4556 Datasheet
261Kb / 7P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4850E7800 OSRAM-SFH4850E7800 Datasheet
213Kb / 7P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com