Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6415CA01ER-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6415CA01ER-G
Description  Dual LDO Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415CA01ER-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6415CA01ER-G Datasheet HTML 1Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 2Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 3Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 4Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 5Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 6Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 7Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 8Page - Torex Semiconductor XC6415CA01ER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC6415 Series
Dual LDO Regulators with ON/OFF Switch
GENERAL DESCRIPTION
XC6415 series are highly accurate, Dual, low noise, CMOS LDO voltage regulators. Performance features of the series include
low output noise, high ripple rejection rate, and low dropout. Extremely dense power supply circuit can be organized with a 2
channeled high speed voltage regulator in low ON resistance which is built-in to an ultra small USP-6C package. The output
voltage for each regulator is set independently by laser trimming and selectable in 0.05V increments within a range of 0.8 to 5.0V.
The EN function allows the output of each regulator to be turned off independently. In this state, with the XC6415 series, the IC
turns on the internal switch located between the VOUT and the VSS pins. This short enables the electric charge at the output
capacitor (CL) to be discharged via the internal auto-discharge resistance, and as a result the VOUT pin quickly returns to the VSS
level. The series’ output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. The high level of
output stability is maintained even during frequent load fluctuations, due to the excellent transient response performance.
Because regulator 1 and 2 are completely isolated, a cross talk between each channel, which causes a problem during load
fluctuations, can be greatly reduced
APPLICATIONS
Mobile phones
Cordless phones, Wireless communication equipment
Portable games
Digital still cameras, Digital video cameras
Portable audio equipment
PDAs
TYPICAL APPLICATION CIRCUITS
ETR0332-006a
FEATURES
Output Current
: 200mA (300mA limit, TYP.)
Dropout Voltage
: 95mV @ IOUT=100mA
VOUT(T)=3.0V
Operating Voltage Range
: 1.5V~6.0V
Output Voltage Range
: 0.8V~5.0V
(0.05V increments)
High Accuracy
: + 1% @ VOUT>2.0V
: + 2% @ VOUT≧1.5V
: + 20mV @VOUT<2.0V
: + 30mV @VOUT<1.5V
Low Power Consumption
: 28μA/ch (TYP.)
Stand-by Current
: Less than 0.1μA
Ripple Rejection
: 65dB@1kHz
Operating Temperature Range: - 40OC ~ 85OC
Low ESR Capacitor
: 1.0μF ceramic capacitor
compatible
Small Packages
: USP-6C, SOT-26, USPN-6
TYPICAL PERFORMANCE
CHARACTERISTICS
Cross Talk
XC6415(VOUT1=3.3V, VOUT2=2.5V)
3.15
3.20
3.25
3.30
3.35
3.40
Time (200uS/div)
0
50
100
150
200
250
Output Current
(VR2 : 0.1mA→50mA)
Output Voltage(VR1 : 10mA)
VIN=4.3V, tr=tf=5μS, Ta=25℃
IOUT2=0.1→50mA, CIN=CL1=CL2=1.0μF(ceramic)


Similar Part No. - XC6415CA01ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6415CA01ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com