Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223B02SR Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC9223B02SR
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223B02SR Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC9223B02SR Datasheet HTML 8Page - Torex Semiconductor XC9223B02SR Datasheet HTML 9Page - Torex Semiconductor XC9223B02SR Datasheet HTML 10Page - Torex Semiconductor XC9223B02SR Datasheet HTML 11Page - Torex Semiconductor XC9223B02SR Datasheet HTML 12Page - Torex Semiconductor XC9223B02SR Datasheet HTML 13Page - Torex Semiconductor XC9223B02SR Datasheet HTML 14Page - Torex Semiconductor XC9223B02SR Datasheet HTML 15Page - Torex Semiconductor XC9223B02SR Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12/25
XC9223/XC9224 Series
1.
The XC9223/XC9224 series is designed for use with ceramic output capacitors. If, however, the potential difference
between dropout voltage, a ceramic capacitor may fail to absorb the resulting high switching energy and oscillation could
occur on the output. In this case, use a larger capacitor etc. to compensate for insufficient capacitance.
2.
Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter.
These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3.
In PWM control, very narrow pulses will be outputted, and there is the possibility that some cycles may be skipped
completely.
This may happens while synchronizing with an external clock.
4.
When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted and
there is the possibility that some cycles may be skipped completely.
5.
With the IC, the peak current of the coil is controlled by the current limit circuit.
Since the peak current increases when
dropout voltage or load current is high, current limit starts operating, and this can lead to instability. When peak current
becomes high, please adjust the coil inductance value and fully check the circuit operation. In addition, please calculate
the peak current according to the following formula:
Ipk = (VIN - VOUT) x OnDuty / (2 x L x FOSC) + IDOUT
L: Coil Inductance Value
FOSC: Oscillation Frequency
6.
When the peak current, which exceeds limit current, flows within the specified time, the built-in P-ch driver transistor is
turned off (an integral latch circuit). During the time until it detects limit current and before the built-in transistor can be
turned off, the current for limit current flows; therefore, care must be taken when selecting the rating for the coil.
7.
The voltage drops because of ON resistance of a driver transistor or in-series resistance of a coil.
For this, the current
limit may not be attained to the limit current value, when input voltage is low.
8.
Malfunction may occur in the U.V.L.O. circuit because of the noise when pulling current at the minimum operation voltage.
9.
This IC and the external components should be used within the stated absolute maximum ratings in order to prevent
damage to the device.
10.
Depending on the state of the PC Board, latch time may become longer and latch operation may not work.
The board
should be laid out so that capacitors are placed as close to the chip as possible.
11.
In heavy load, the noise of DC/DC may influence and the delay time of the voltage detector may be prolonged.
12.
Output voltage may become unstable when synchronizing high internal frequency with the external clock.
In such a case, please use a larger output capacitor etc. to compensate for insufficient capacitance.
13.
When a voltage lower than minimum operating voltage is applied, the output voltage may fall before reaching the over
current limit.
14.
When the IC is used in high temperature, output voltage may increase up to input voltage level at light load (less than 100
μA) because of the leak current of the driver transistor.
15.
The current limit is set to LIM=H: 2000mA (MAX.).
However, the current of 2000mA or more may flow.
In case that the
current limit functions while the VOUT pin is shorted to the GND pin, when P-ch MOSFET is ON, the potential difference
for input voltage will occur at both ends of a coil.
For this, the time rate of coil current becomes large.
By contrast,
when N-ch MOSFET is ON, there is almost no potential difference at both ends of the coil since the VOUT pin is shorted to
the GND pin.
Consequently, the time rate of coil current becomes quite small.
According to the repetition of this
operation, and the delay time of the circuit, coil current will be converged on a certain current value, exceeding the
amount of current, which is supposed to be limited originally.
The short protection does not operate during the soft-start
time.
The short protection starts to operate and the circuit will be disabled after the soft-start time.
Current larger than
over current limit may flow because of a delay time of the IC when step-down ratio is large.
A coil should be used within
the stated absolute maximum rating in order to prevent damage to the device.
①Current flows into P-ch MOSFET to reach the current limit (ILIM).
②The current of ILIM (2000mA, MAX.) or more flows since the delay time of the circuit occurs during from the detection of
the current limit to OFF of P-ch MOSFET.
③Because of no potential difference at both ends of the coil, the time rate of coil current becomes quite small.
④Lx oscillates very narrow pulses by the current limit for several msec.
⑤The short protection operates, stopping its operation.
VLX
ILX
(Coil Current)
Overcurrent
Limit Value
④ #ms
Delay
■NOTES ON USE


Similar Part No. - XC9223B02SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B082AL TOREX-XC9223B082AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223B02SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com