Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6203DZ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6203DZ
Description  Synchronous Rectifier Controller for Flyback Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6203DZ Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6203DZ Datasheet HTML 4Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 5Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 6Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 7Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 8Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 9Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 10Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 11Page - Fairchild Semiconductor SG6203DZ Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product Specification
Synchronous Rectifier Controller for Flyback Converter
SG6203
© System General Corp.
- 8 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.0.1 (IAO33.0010.B1)
September 24, 2007
OPERATION DESCRIPTION
Synchronization
The DET pin provides on/off information of the primary
switch. As shown in the following reference circuits, one
diode connected between the DET pin and the secondary
winding of the transformer is used to get this information.
Low DET voltage level indicates the secondary rectifier is
conducted; therefore, the synchronous MOSFET should
be turned on. The voltage on DET pin stays high when the
primary switch is conducting and the synchronous
MOSFET should be turned off. This innovative feature
requires no auxiliary winding and the circuit complexity
is greatly reduced.
Anticipation and Phase Lock Loop
A resistor from the RT pin to ground is used to determine
the internal current source reference. When the primary
switch is turned on with DET high, an internal one-shot
timer outputs high for a duration proportional to the RT
resistor. The duration of this one-shot signal can be
expressed as:
()
)
µs
(
24
K
R
15
T
T
RT
Ω
×
=
(1)
Primary Switch PWM
One-Shot Signal
Output
T
The on-time of the synchronous MOSFET is obtained by
subtracting the on-time of the primary switch from the
one-shot signal duration. If the resistor is too small, the
synchronous MOSFET may be turned off when the
secondary rectifier is still conducting, which decreases
system efficiency. If the resistor is too large, the output is
shut off immediately once DET gets high. In SG6203, an
internal phase locked loop modulates the duration of the
internal one-shot signal to maintain a suitable dead time
between the primary switch and the synchronous
MOSFET. The duration of the one-shot signal can be
extended 80% compared with the original value decided
by RT resistor.
Current Sense
In discontinuous conduction mode, the secondary rectifier
turns off before the next switching cycle of the primary
switch.
Once
the
secondary rectifier is
off,
the
synchronous MOSFET must be turned off to prevent the
reverse energy flow. Therefore, a zero current crossing
detector is needed when the converter is operated under
DCM. The SG6203 provides two configurations to
achieve this: output capacitor ESR method (reference
Circuit-A) and current-sensing resistor method (reference
Circuit-B). When the secondary rectifier is turned off, the
voltage on IN+ is lower than that of IN-. Once this
happens, the driving signal for the synchronous MOSFET
is turned off.
Under-Voltage Lockout (UVLO)
The SG6203 has an internal UVLO circuit with hysteresis.
The IC is turned on if VCC is higher than 6V. Once turned
on, SG6203 is turned off if VCC is lower than 5.1V. When
the flyback output voltage is higher than 18V, the VZ pin
can be used to provide a stable 18V to VCC pin.


Similar Part No. - SG6203DZ

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
   77 Band Graphic Equalizer (Stereo)
logo
Toshiba Semiconductor
SG6 TOSHIBA-SG6 Datasheet
1Mb / 21P
   CLIENT SSD(Non-SED Model)
logo
Littelfuse
SG600Q LITTELFUSE-SG600Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
logo
Microsemi Corporation
SG6100 MICROSEMI-SG6100 Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
SG6100F MICROSEMI-SG6100F Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
More results

Similar Description - SG6203DZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
logo
Zetex Semiconductors
ZXGD3101T8 ZETEX-ZXGD3101T8 Datasheet
917Kb / 14P
   Synchronous rectifier controller for flyback converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
logo
STMicroelectronics
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
   Adaptive synchronous rectification controller for flyback converter
October 2018 DS12787 Rev 1
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
   Adaptive synchronous rectification controller for flyback converter
DS13155 - Rev 1 - November 2019
logo
ON Semiconductor
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
   Isolated Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com