Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223D02DR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9223D02DR
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223D02DR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9223D02DR Datasheet HTML 2Page - Torex Semiconductor XC9223D02DR Datasheet HTML 3Page - Torex Semiconductor XC9223D02DR Datasheet HTML 4Page - Torex Semiconductor XC9223D02DR Datasheet HTML 5Page - Torex Semiconductor XC9223D02DR Datasheet HTML 6Page - Torex Semiconductor XC9223D02DR Datasheet HTML 7Page - Torex Semiconductor XC9223D02DR Datasheet HTML 8Page - Torex Semiconductor XC9223D02DR Datasheet HTML 9Page - Torex Semiconductor XC9223D02DR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
XC9223/XC9224 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Input Voltage
VIN
2.5
-
6.0
V
-
FB Voltage
VFB
0.784
0.800
0.816
V
Output Voltage Setting Range
VOUTSET
0.9
-
VIN
V
Maximum Output Current 1 (*1)
IOUTMAX1
0.4
-
-
A
Maximum Output Current 2 (*1)
IOUTMAX2
1.0
-
-
A
U.V.L.O. Voltage
VUVLO
FB=VFB x 0.9, VIN Voltage which Lx pin
voltage holding ‘L’ level (*8)
1.55
1.80
2.00
V
Supply Current 1
IDD1
FB=VFB x 0.9, MODE/SYNC=0V
D1-1 (*2)
μA
Supply Current 2
IDD2
FB=VFB x 1.1 (Oscillation stops),
MODE/SYNC=0V
D1-2 (*2)
μA
Stand-by Current
ISTB
CE=0V
D1-6 (*2)
μA
Oscillation Frequency
FOSC
Connected to external components,
IOUT=10mA
D1-3 (*2)
MHz
External Clock Signal
Synchronized Frequency
SYNCOSC
Connected to external components,
IOUT=10mA, apply an external clock signal
to the MODE/SYNC
D1-4 (*2)
MHz
External Clock Signal Cycle
SYNCDTY
25
-
75
%
Maximum Duty Cycle
MAXDTY
FB=VFB x 0.9
100
-
-
%
Minimum Duty Cycle
MINDTY
FB=VFB x 1.1
-
-
0
%
PFM Switch Current
IPFM
Connected to external components,
MODE/SYNC=0V, IOUT=10mA
-
200
250
mA
Efficiency (*3)
EFFI
Connected to external components,
VIN=5.0V, VOUT=3.3V, IOUT=200mA
-
95
-
%
Lx SW ‘H’ On Resistance (*4)
RLxH
FB=VFB x 0.9, ILx=VIN-0.05V
-
0.21
0.3 (*7)
Ω
Lx SW ‘L’ On Resistance
RLxL
-
0.23
0.3 (*7)
Ω
-
Current Limit 1
ILIM1
LIM=0V
0.6
-
0.9
A
Current Limit 2
ILIM2
LIM=VIN
1.2
-
2.0
A
Integral Latch Time (*5)
TLAT
FB=VFB x 0.9, Short Lx by 1
Ω resistance
D1-5 (*2)
ms
Short Detect Voltage
VSHORT
FB Voltage which Lx becomes ‘L’ (*8)
0.3
0.4
0.5
V
Soft-Start Time
TSS
CE=0V
→VIN, IOUT=1mA
0.5
1.0
2.0
ms
Thermal Shutdown Temperature
TTSD
-
150
-
OC
-
Hysteresis Width
THYS
-
20
-
OC
-
CE ‘H’ Voltage
VCEH
FB=VFB x 0.9, Voltage which Lx becomes
‘H’ after CE voltage changed from 0.4V to
1.2V (*8)
1.2
-
-
V
CE ‘L’ Voltage
VCEL
FB=VFB x 0.9, Voltage which Lx becomes
‘L’ after CE voltage changed from 1.2V to
0.4V (*8)
-
-
0.4
V
MODE/SYNC ‘H’ Voltage
VMODE/SYNCH
1.2
-
-
V
MODE/SYNC ‘L’ Voltage
VMODE/SYNCL
-
-
0.4
V
LIM ‘H’ Voltage
VLIMH
1.2
-
-
V
LIM ‘L’ Voltage
VLIML
IOUT=ILIM1 x 1.1, Check LIM voltage which
Lx oscillated after CE voltage changed
from 1.2V to 0.4V
-
-
0.4
V
CE ‘H’ Current
ICEH
VIN=CE=6.0V
-
-
0.1
A
CE ‘L’ Current
ICEL
VIN=6.0V, CE=0V
- 0.1
-
-
μA
MODE/SYNC ‘H’ Current
IMODE/SYNCH
VIN=6.0V
-
-
0.1
μA
MODE/SYNC ‘L’ Current
IMODE/SYNCL
VIN=6.0V, MODE/SYNC=0V
- 0.1
-
-
μA
LIM ‘H’ Current
ILIMH
VIN=LIM=6.0V
-
-
0.1
μA
LIM ‘L’ Current
ILIML
VIN=6.0V, LIM=0V
- 0.1
-
-
μA
FB ‘H’ Current
IFBH
VIN=FB=6.0V
-
-
0.1
μA
FB ‘L’ Current
IFBL
VIN=6.0V, FB=0V
- 0.1
-
-
μA
Lx SW ‘H’ Leak Current
ILeakH
VIN=Lx=6.0V, CE=0V
-
-
1.0
μA
Lx SW ‘L’ Leak Current (*6)
ILeakL
VIN=6.0V, Lx=CE=0V
- 3.0
-
-
μA
XC9223/XC9224 Series
Topr=25
■ELECTRICAL CHARACTERISTICS


Similar Part No. - XC9223D02DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223D02DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com