Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC910D001FKSL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC910D001FKSL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910D001FKSL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC910D001FKSL Datasheet HTML 1Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 2Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 3Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 4Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 5Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 6Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 7Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 8Page - Torex Semiconductor XC910D001FKSL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XC9101 Series
PWM Controlled Step-Up DC/DC Controllers
GENERAL DESCRIPTION
The XC9101 series are step-up multiple current and voltage feedback DC/DC controller ICs.
Current sense, clock
frequencies and amp feedback gain can all be externally regulated.
A stable power supply is possible with output currents of up to 1.5A.
With output voltage fixed internally, VOUT is selectable in 100mV increments within a 2.5V ~ 16.0V range (±2.5%).
For output voltages outside this range, we recommend the FB version, which has a 0.9V internal reference voltage. Using this
version, the required output voltage can be set-up using 2 external resistors.
Switching frequencies can also be set-up externally within a range of 100 ~ 600kHz and therefore frequencies suited to your
particular application can be selected.
With the current sense function, peak currents (which flow through the driver transistor and the coil) can be controlled.
Soft-start time can be adjusted using external resistor and capacitor.
During shutdown (CE pin=L), consumption current can be reduced to as little as 0.5μA (TYP.) or less.
APPLICATIONS
Mobile, Cordless phones
Palm top computers, PDAs
Portable games
Cameras, Digital cameras
Note book PCs
TYPICAL APPLICATION CIRCUIT
FEATURES
Stable Operations via Current & Voltage
Multiple Feedback
Unlimited Options for Peripheral Selection
Current Protection Circuit
Ceramic Capacitor Compatible
Input Voltage Range
: 2.5V ~ 20V
Output Voltage Range : 2.5V ~ 16V
(Fixed Voltage Type)
: 30V + (Adjustable Type)
Oscillation Frequency Range
: 100kHz ~ 600kHz
Output Current
: Up to 1.5A
Package
: MSOP-8A, SOP-8
TYPICAL PERFORMANCE
CHARACTERISTICS
VOUT: 5.0V, FOSC: 180KHz
ETR0403_003


Similar Part No. - XC910D001FKSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC910D001FKSL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com