Electronic Components Datasheet Search |
|
XC9220A093ER Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC9220A093ER Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 22 page 8/22 XC9220/XC9221 Series 2. Short-Circuit Protection Circuit (Latching Type) When the FB pin is shorted to the Ground or the output voltage drops rapidly because of over load state etc., the P-ch driver transistor is kept OFF as in the case with the integral protection circuit. (The protection circuit operates when the FB voltage becomes 0.7V or lower.) For releasing the latching state, the circuit is needed to restart via the VIN and the CE pin. Short-circuit protection circuit FBVoltage 0.9V 0.7V VREF 0.9V Soft-start time :Tss x 90% * Protection circuit does not operate. Less than 100usec = Not latching Latch 100 usec * About 100 to 200usec delay time is set to avoid latching w hen instantaneous transient response drop <Protection Circuits> 1. Integral Protection Circuit (Latch Type) In the circuit of the XC9220/XC9221 A and B series, the more load current becomes larger, the duty of the EXT/ pin gradually expands, and the duty reaches maximum (EXT/L). When the MAXDUTY state continues a certain amount of time (TPRO), the EXT/ pin holds high level (latching) and keeps the P-ch output driver transistor in OFF state. For resuming the operation from the latching state, please turn off the IC via the CE pin or apply the input voltage again (operates U.V.L.O. function and release). The latching state does not mean a complete shutdown, but a state in which pulse output is suspended; therefore, the internal circuitry remains in operation. However, the integral protection circuit uses the MAXDUTY as a trigger for its operation, it suspends the pulse output no matter what dropout voltage decreases. For the specification including small dropout voltage, the XC9220/XC9221 C or D series, which do not have the integral protection function, are recommended. Integral protection circuit Ton < Tpro Ton > Tpro EXT/ Waveform Latch Protection circuit operates and EXT/ Output shut dow n Ton : ON Time ( EXT/ : L) Tpro : Integral Protection Circuit Delay Time (Internally set) ■OPERATIONAL EXPLANATION (Continued) |
Similar Part No. - XC9220A093ER |
|
Similar Description - XC9220A093ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |