Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6415FG01MR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6415FG01MR
Description  Dual LDO Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415FG01MR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6415FG01MR Datasheet HTML 6Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 7Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 8Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 9Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 10Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 11Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 12Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 13Page - Torex Semiconductor XC6415FG01MR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/23
XC6415 Series
TYPICAL PERFORMANCE CHARACTERISTICS
* EN Voltage condition: Unless otherwise stated, VEN=VIN
(1) OutputVoltage vs. OutputCurrent
XC6415(VOUT=0.8V)
0
0.2
0.4
0.6
0.8
1
0
50
100 150 200 250 300 350 400
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
VIN=1.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6415(VOUT=0.8V)
0
0.2
0.4
0.6
0.8
1
0
50
100 150 200 250 300 350 400
OutputCurrent : IOUT (mA)
VIN=1.6V
VIN=1.8V
VIN=2.3V
VIN=6.0V
VIN=1.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6415(VOUT=1.5V)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
50
100
150
200
250
300
350
400
OutputCurrent : IOUT (mA)
VIN=1.6V
VIN=1.8V
VIN=2.0V
VIN=2.5V
VIN=6.0V
VIN=2.5V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6415(VOUT=1.5V)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
50
100
150
200
250
300
350
400
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
VIN=2.5V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6415(VOUT=2.8V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
50
100
150
200
250
300
350
400
OutputCurrent : IOUT (mA)
VIN=2.9V
VIN=3.1V
VIN=3.3V
VIN=3.8V
VIN=6.0V
VIN=3.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6415(VOUT=2.8V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
50
100
150
200
250
300
350
400
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
VIN=3.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)


Similar Part No. - XC6415FG01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6415FG01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com