Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9104B093DR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9104B093DR
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9104B093DR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9104B093DR Datasheet HTML 2Page - Torex Semiconductor XC9104B093DR Datasheet HTML 3Page - Torex Semiconductor XC9104B093DR Datasheet HTML 4Page - Torex Semiconductor XC9104B093DR Datasheet HTML 5Page - Torex Semiconductor XC9104B093DR Datasheet HTML 6Page - Torex Semiconductor XC9104B093DR Datasheet HTML 7Page - Torex Semiconductor XC9104B093DR Datasheet HTML 8Page - Torex Semiconductor XC9104B093DR Datasheet HTML 9Page - Torex Semiconductor XC9104B093DR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC9103/XC9104/XC9105 Series
■ TYPICAL APPLICATION CIRCUIT
■NOTES ON USE
When obtaining VDD from a source other than VOUT,
please insert a capacitor CIN between the VDD pin and the
GND pin in order to provide stable operations.
Please place CL and CIN as close as to the VOUT and VDD
pins respectively and also close to the GND pin.
Strengthen the wiring sufficiently. RSENSE should be
removed and shorted when the CL capacitor except for
ceramic or low ESR capacitor is used.
Insert RB and CB when using a bipolar
NPN Transistor.
SCE
SPWM
CONDITIONS
ON
Chip Disable
OFF
ON
Duty=25%, PWM/PFM automatic switching
OFF
OFF
PWM
By using external signals, the control of the XC9105 series can be
alternated between PWM control and PWM/PFM automatic switching
control. By inputting a voltage of more than VDD -0.2V to the CE/PWM
pin, PWM control can be selected.
On the other hand, PWM/PFM
automatic switching control can be selected by inputting a voltage of less
than VDD -1.0V.
With the XC9105, by connecting resistors of the same value (RM1, RM2) as
shown in the diagram to the left, it is possible to obtain chip disable with
SCE ON and, SPWM ON or OFF, PWM/PFM auto switching at Duty=25%
with SCE OFF & SPWM ON, & PFM control with both switches OFF.
Note:
When operating at VDD -1.8V and below (stepping-up from VIN=0.9V), it is
necessary to pull-up to VDD in order to allow the CE/PWM pin reach the
VCEH voltage level. Please make sure that the IC is in PWM control
(SPWM=OFF) when operations start. If SPWM is ON, there are times when
chip enable might not operate.
* Please select your external components carefully.


Similar Part No. - XC9104B093DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9104B093DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com