Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9220B095MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9220B095MR
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220B095MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9220B095MR Datasheet HTML 1Page - Torex Semiconductor XC9220B095MR Datasheet HTML 2Page - Torex Semiconductor XC9220B095MR Datasheet HTML 3Page - Torex Semiconductor XC9220B095MR Datasheet HTML 4Page - Torex Semiconductor XC9220B095MR Datasheet HTML 5Page - Torex Semiconductor XC9220B095MR Datasheet HTML 6Page - Torex Semiconductor XC9220B095MR Datasheet HTML 7Page - Torex Semiconductor XC9220B095MR Datasheet HTML 8Page - Torex Semiconductor XC9220B095MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4/22
XC9220/XC9221 Series
Unless otherwise stated, VIN=5.0V
NOTE:
*1: EFFI = { (output voltage) x (output current)} / { (input voltage) x (input current) } x 100
*2: No Integral protection function is available with the XC9220/9221 C series.
** Refer to the CHARACTERISTICS CHART BY OSCILLATION FREQUENCY.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT. CIRCUIT
FB Voltage
VFB
0.8865
0.9000 0.9135
V
2
Input Voltage Range
VIN
2.8
-
16.0
V
-
U.V.L.O. Voltage
(Minimum Operating Voltage)
VUVLO
1.9
2.3
2.7
V
3
Supply Current 2
IDD2
VIN=5.0V, FB=1.0V
**
μA
1
Stand-by Current
ISTB
-
0.1
1.0
μA
1
Oscillation Frequency
FOSC
Connected to external
components
**
kHz
3
Maximum Duty Ratio
MAXDTY
100
-
-
%
2
PFM Duty Ratio
PFMDTY
No load (XC9221 series only)
15
25
35
%
3
EXT/ High On Resistance
REXTBH
6
10
16
Ω
4
EXT/ Low On Resistance
REXTBL
6
12
20
Ω
4
Integral Protection Time
(*2)
TPRO
(XC9220/9221 A series)
**
ms
2
Short-Circuit Protection
VSHORT
-
-
0.7
V
2
Soft-Start Time
TSS
**
ms
2
Efficiency (*1)
EFFI
-
92
-
%
3
VFB
FB Voltage
Temperature Characteristics
Topr VFB
-
+100
-
ppm
/
OC
2
CE “High” Level Voltage
VCEH
1.2
-
-
V
2
CE “Low” Level Voltage
VCEL
-
-
0.3
V
3
CE “High” Level Current
ICEH
VIN=CE=16V
- 0.1
-
0.1
μA
1
CE “Low” Level Current
ICEL
VIN=16V, CE=0V
- 0.1
-
0.1
μA
1
FB “High” Level Current
IFBH
VIN=FB=16V
- 0.1
-
0.1
μA
4
FB “Low” Level Current
IFBL
VIN=16V, FB=0V
- 0.1
-
0.1
μA
4
■ELECTRICAL CHARACTERISTICS
XC9220/XC9221 A and C series
Ta = 25OC


Similar Part No. - XC9220B095MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220B095MR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com