Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9220A095MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9220A095MR
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220A095MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9220A095MR Datasheet HTML 7Page - Torex Semiconductor XC9220A095MR Datasheet HTML 8Page - Torex Semiconductor XC9220A095MR Datasheet HTML 9Page - Torex Semiconductor XC9220A095MR Datasheet HTML 10Page - Torex Semiconductor XC9220A095MR Datasheet HTML 11Page - Torex Semiconductor XC9220A095MR Datasheet HTML 12Page - Torex Semiconductor XC9220A095MR Datasheet HTML 13Page - Torex Semiconductor XC9220A095MR Datasheet HTML 14Page - Torex Semiconductor XC9220A095MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
XC9220/XC9221
Series
■NOTES ON USE
1. The XC9220/XC9221 series are designed for use with an output ceramic capacitor. If, however, the potential
difference between input and output is too large, a ceramic capacitor may fail to absorb the resulting high switching
energy and oscillation could occur on the output. If the input-output potential difference is large, connect the output
capacitor with large performance to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced
by external component selection, such as the coil inductance, capacitance values, and board layout of the external
components. Once the design has been completed, verification with actual components should be done.
3. When the difference between input voltage and output voltage is large in PWM control, and the load current is light,
very narrow pulses will be outputted, and there is the possibility that some cycles my be skipped completely.
4. When the difference between input voltage and output voltage is small in PWM control, and the load current is heavy,
very wide pulses will be outputted and there is the possibility that some cycles my be skipped completely.
5. When using the CE pin by pulling up to the VIN pin, please be noted to the rising time of the VIN pin voltage. If the
rising time of the VIN pin voltage is much slower than the soft-start time of the XC9220/XC9221 series, the
short-protection circuit starts to operate so that the output may not rise. If you are using the A or the C series, please
use a voltage detector or something similar in order to check that the input voltage rises fully. Then, start the series via
the CE pin. If you don’t want to use an additional detector in this way, we recommend that you use the B or D series,
adjusting the soft-start period externally so that the voltage at the VIN pin rises fully before the soft-start period is
completed.
6. Use of the IC at voltages below the recommended minimum operating voltage may lead to instability.
7. This IC and external components should be used within the stated absolute maximum ratings in order to prevent
damage to the device.


Similar Part No. - XC9220A095MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220A095MR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com