Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9223
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9223 Datasheet HTML 6Page - Torex Semiconductor XC9223 Datasheet HTML 7Page - Torex Semiconductor XC9223 Datasheet HTML 8Page - Torex Semiconductor XC9223 Datasheet HTML 9Page - Torex Semiconductor XC9223 Datasheet HTML 10Page - Torex Semiconductor XC9223 Datasheet HTML 11Page - Torex Semiconductor XC9223 Datasheet HTML 12Page - Torex Semiconductor XC9223 Datasheet HTML 13Page - Torex Semiconductor XC9223 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10/25
XC9223/XC9224 Series
■OPERATIONAL EXPLANATION (Continued)
<Thermal Shutdown>
For protection against heat damage of the ICs, thermal shutdown function monitors chip temperature.
The thermal
shutdown circuit starts operating and the driver transistor will be turned off when the chip’s temperature reaches 150
OC.
When the temperature drops to 130
OC or less after shutting of the current flow, the IC performs the soft start function to
initiate output startup operation.
<Short-Circuit Protection>
The short-circuit protection circuit monitors FB voltage.
In case where output is accidentally shorted to the Ground and
when the FB voltage decreases less than half of the FB voltage, the short-circuit protection operates to turn off and to
latch the driver transistor.
In latch mode, the operation can be resumed by either turning the IC off and on via the CE pin,
or by restoring power supply to the VIN pin.
<Voltage Detector>
The detector block of the XC9223/9224 series detects a signal inputted from the VDIN pin by the VDOUT pin (N-ch
open-drain).
<U.V.L.O. Circuit>
When the VIN pin voltage becomes 1.8V (TYP.) or lower, the driver transistor is forced OFF to prevent false pulse output
caused by unstable operation of the internal circuitry.
When the VIN pin voltage becomes 2.0V (TYP.) or higher, switching
operation takes place.
By releasing the U.V.L.O. function, the IC performs the soft-start function to initiate output startup
operation.
The U.V.L.O. function operates even when the VIN pin voltage falls below the U.V.L.O. operating voltage for
tens of ns.
<MODE/SYNC>
A MODE/SYNC pin has two functions, a MODE switch and an input of external clock signal.
The MODE/SYNC pin
operates as the PWM mode when applying high level of direct current and the PFM/PWM automatic switching mode by
applying low level of direct current, which is the same function as the normal MODE pin.
By applying the external clock
signal (±25% of the internal clock signal, ON duty 25% to 75%), the MODE/SYNC pin switches to the internal clock signal.
Also the circuit will synchronize with the falling edge of external clock signal.
While synchronizing with the external clock
signal, the MODE/SYNC pin becomes the PWM mode automatically.
If the MODE/SYNC pin holds high or low level of the
external clock signal for several
μs, the MODE/SYNC pin stops synchronizing with the external clock and switches to the
internal clock operation.
(Refer to the chart below.)
・External Clock Synchronization Function
* When an input of MODE/SYNC is changed from “L” voltage into a clock signal of 1.2MHz and 50% duty.
MODE/SYNC
VOUT
50mV/div
2V/div
Lx
2V/div
1.0μs/div
1MHz
1.2MHz Duty50%
1.2MHz
Operates by the
internal clock
Synchronous with the
external clock
External Clock Signal
Delay time to the external clock synchronization


Similar Part No. - XC9223

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com