Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9220 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9220
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9220 Datasheet HTML 1Page - Torex Semiconductor XC9220 Datasheet HTML 2Page - Torex Semiconductor XC9220 Datasheet HTML 3Page - Torex Semiconductor XC9220 Datasheet HTML 4Page - Torex Semiconductor XC9220 Datasheet HTML 5Page - Torex Semiconductor XC9220 Datasheet HTML 6Page - Torex Semiconductor XC9220 Datasheet HTML 7Page - Torex Semiconductor XC9220 Datasheet HTML 8Page - Torex Semiconductor XC9220 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XC9220/XC9221 Series
16V Input Voltage, Step-Down DC/DC Controller ICs.
■GENERAL DESCRIPTION
The XC9220/XC9221 series is a group of multi-purpose step-down DC/DC controller ICs. The ICs enable a high efficiency,
stable power supply with an output current up to 3A to be configured using only a transistor, a coil, a diode, and two capacitors
connected externally. Low ESR capacitors such as a ceramic capacitor can be used as an output capacitor.
The XC9220/XC9221 series has a 0.9V (±1.5%) reference voltage, and using externally connected resistors, the output
voltage can be set freely. With an internal switching frequency of 300kHz and 500kHz 1.0MHz, small external components
can also be used. The XC9220 series is PWM control, and the XC9221 series is PWM/PFM mode, which automatically
switches from PWM to PFM during light loads and high efficiencies can be achieved over a wide range of load conditions.
As for the soft-start time, the XC9220/XC9221A and C series is internally set to 4msec and the XC9220/XC9221B and D
series can be externally set-up. With the built-in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel driver
transistor is forced OFF when input voltage becomes 2.3V or lower.
■TYPICAL APPLICATION CIRCUIT
■APPLICATIONS
●Set top boxes
●Digital TVs
●DVD/HDD recorders
●Portable information terminals
●Notebook computers
■FEATURES
Operating Voltage Range
: 2.8V ~ 16.0V
Output Voltage Range
: 1.2V or more
Output Voltage Externally Set
: 0.9V (accuracy +1.5%)
Output Current
: Less than 3.0A
Oscillation Frequency
: 300kHz, 500kHz, and 1.0MHz
Control Methods
: PWM control (XC9220)
PWM/PFM automatic switching
(XC9221)
Soft-Start Function
: 4ms, internally set
(XC9220/XC9221A, 500kHz)
Externally set (XC9220/XC9221B)
Protection Circuits
: Integral protection (1.0 ms)
(XC9220/XC9221 Aand B series)
Short-circuit protection
Low ESR
Capacitor Compatible
: Ceramic capacitor
Packages
: SOT-25
USP-6C
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Efficiency vs. Output Current
CIN
VIN
CL
RFB1
RFB2
CFB
L
SBD
Pch
MOSFET
VOUT
CE
RSENSE
( for ceramic CL )
* RSENSE : Tantalum and electrolytic capacitors can be used, in w hich case,
RSENSE becomes unnecessary.
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=5.0V
VIN=12.0V
VIN=16.0V
XC9221A095MR (VOUT=3.3V, FOSC=500kHz)
CIN=47μF (OS-Con), CL=47μF (OS-Con),
L=10μH (CDRH8D43, SUMIDA)
PchMOSFET: CPH3308 (SANYO), CDD=1.0μF (ceramic), RIN=10Ω
ETR0511_007


Similar Part No. - XC9220

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com