Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1557 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1557
Description  16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1557 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1557 Datasheet HTML 4Page - Maxim Integrated Products MAX1557 Datasheet HTML 5Page - Maxim Integrated Products MAX1557 Datasheet HTML 6Page - Maxim Integrated Products MAX1557 Datasheet HTML 7Page - Maxim Integrated Products MAX1557 Datasheet HTML 8Page - Maxim Integrated Products MAX1557 Datasheet HTML 9Page - Maxim Integrated Products MAX1557 Datasheet HTML 10Page - Maxim Integrated Products MAX1557 Datasheet HTML 11Page - Maxim Integrated Products MAX1557 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
As the load current decreases, the converters enter a
pulse-skip mode in which the PWM comparator is dis-
abled. At light loads, efficency is enhanced by a
pulse-skip mode in which switching occurs only as
needed to service the load. Quiescent current in skip
mode is typically 16µA. See the Light-Load Switching
Waveforms and Load Transient graphs in the Typical
Operating Characteristics.
Load-Transient Response/
Voltage Positioning
The MAX1556/MAX1557 match the load regulation to
the voltage droop seen during transients. This is some-
times called voltage positioning. The load line used to
achieve this behavior is shown in Figures 4 and 5. There
is minimal overshoot when the load is removed and min-
imal voltage drop during a transition from light load to
full load. Additionally, the MAX1556 and MAX1557 use a
wide-bandwidth feedback loop to respond more quickly
to a load transient than regulators using conventional
integrating feedback loops (see Load Transient in the
Typical Operating Characteristics).
The MAX1556/MAX1557 use of a wide-band control
loop and voltage positioning allows superior load-tran-
sient response by minimizing the amplitude and dura-
tion of overshoot and undershoot in response to load
transients. Other DC-DC converters, with high gain-
control loops, use external compensation to maintain
tight DC load regulation but still allow large voltage
droops of 5% or greater for several hundreds of
microseconds during transients. For example, if the
load is a CPU running at 600MHz, then a dip lasting
100µs corresponds to 60,000 CPU clock cycles.
Voltage positioning on the MAX1556/MAX1557 allows
up to 2.25% (typ) of load-regulation voltage shift but
has no further transient droop. Thus, during load tran-
sients, the voltage delivered to the CPU remains within
spec more effectively than with other regulators that
might have tighter initial DC accuracy. In summary, a
2.25% load regulation with no transient droop is much
better than a converter with 0.5% load regulation and
5% or more of voltage droop during load transients.
Load-transient variation can be seen only with an oscil-
loscope (see the Typical Operating Characteristics),
while DC load regulation read by a voltmeter does not
show how the power supply reacts to load transients.
Dropout/100% Duty-Cycle Operation
The MAX1556/MAX1557 function with a low input-to-out-
put voltage difference by operating at 100% duty cycle.
In this state, the high-side p-channel MOSFET is always
on. This is particularly useful in battery-powered appli-
cations with a 3.3V output. The system and load might
operate normally down to 3V or less. The MAX1556/
MAX1557 allow the output to follow the input battery
voltage as it drops below the regulation voltage. The qui-
escent current in this state rises minimally to only 27µA
(typ), which aids in extending battery life. This
dropout/100% duty-cycle operation achieves long battery
life by taking full advantage of the entire battery range.
The input voltage required to maintain regulation is a
function of the output voltage and the load. The differ-
ence between this minimum input voltage and the out-
put voltage is called the dropout voltage. The dropout
voltage is therefore a function of the on-resistance of
the internal p-channel MOSFET (RDS(ON)P) and the
inductor resistance (DCR).
VDROPOUT = IOUT x (RDS(ON)P + DCR)
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
8
_______________________________________________________________________________________
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
0
200
400
800
600
1000
1200
LOAD CURRENT (mA)
VIN = 3.6V
VIN = 5.5V
VIN = 2.6V
Figure 4. MAX1556 Voltage-Positioning Load Line
Figure 5. MAX1557 Voltage-Positioning Load Line
0
200
400
600
LOAD CURRENT (mA)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
VIN = 5.5V
VIN = 2.6V
VIN = 3.6V


Similar Part No. - MAX1557

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1557 MAXIM-MAX1557 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1557ETB++ MAXIM-MAX1557ETB+ Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1557ETB++ MAXIM-MAX1557ETB+ Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
More results

Similar Description - MAX1557

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com