Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201DCCAL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9201DCCAL
Description  PWM Controlled Step-Down DC/DC Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201DCCAL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9201DCCAL Datasheet HTML 1Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 2Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 3Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 4Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 5Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 6Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 7Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 8Page - Torex Semiconductor XC9201DCCAL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XC9201 Series
PWM Controlled Step-Down DC/DC Controllers
GENERAL DESCRIPTION
The XC9201 series are step-down multiple current and voltage feedback DC/DC controller ICs. Current sense, clock
frequencies and amp feedback gain can all be externally regulated.
A stable power supply is possible with output currents of up to 3.0A. With output voltage fixed internally, output voltage is
selectable in 100mV increments (semi-custom) within a 1.2V ~ 16.0V range. (±2.5%).
For output voltages outside this range, we recommend the FB version which has a 0.9V internal reference voltage. Using this
version, the required output voltage can be set-up using 2 external resistors.
Switching frequencies can also be set-up externally within a range of 100kHz~600kHz and therefore frequencies suited to
your particular application can be selected.
With the current sense function, peak currents (which flow through the driver transistor and the coil) can be controlled.
Soft-start time can be adjusted using external resistors and capacitors.
During shutdown (CE pin =L), consumption current can be reduced to as little as 0.5μA (TYP.) or less and with U.V.L.O.
(Under Voltage Lock Out) built-in, the external transistor will be automatically shut off below the regulated voltage.
APPLICATIONS
Mobile, Cordless phones
Palm top computers, PDAs
Portable games
Cameras, Digital cameras
Notebook computers
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE
CHARACTERISTICS
VOUT:5.0V FOSC:330kHz
ETR0502_004
FEATURES
Stable Operations via Current & Voltage Multiple
Feedback
Unlimited Options for Peripheral Selection
Current Protection Circuit
Ceramic Capacitor Compatible
Input Voltage Range
: 2.5V ~20V
Output Voltage Range
: 1.2V ~ 16V
Oscillation Frequency Range : 100kHz ~ 600kHz
Output Current
: Up To 3.0A
Package
: MSOP-8A


Similar Part No. - XC9201DCCAL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DC0AKL TOREX-XC9201DC0AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC0AKR TOREX-XC9201DC0AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC3AKL TOREX-XC9201DC3AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC3AKR TOREX-XC9201DC3AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC9AKL TOREX-XC9201DC9AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
More results

Similar Description - XC9201DCCAL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com