Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9103B091DL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9103B091DL
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9103B091DL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9103B091DL Datasheet HTML 1Page - Torex Semiconductor XC9103B091DL Datasheet HTML 2Page - Torex Semiconductor XC9103B091DL Datasheet HTML 3Page - Torex Semiconductor XC9103B091DL Datasheet HTML 4Page - Torex Semiconductor XC9103B091DL Datasheet HTML 5Page - Torex Semiconductor XC9103B091DL Datasheet HTML 6Page - Torex Semiconductor XC9103B091DL Datasheet HTML 7Page - Torex Semiconductor XC9103B091DL Datasheet HTML 8Page - Torex Semiconductor XC9103B091DL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC9103/XC9104/XC9105
Series
■ BLOCK DIAGRAM
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VDD pin Voltage
VDD
-0.3 ~ 12.0
V
FB pin Voltage
FB
-0.3 ~ 12.0
V
CE pin Voltage
VCE
-0.3 ~ 12.0
V
EXT pin Voltage
VEXT
-0.3 ~ VDD + 0.3
V
EXT pin Current
IEXT/
±100
mA
SOT-25
150
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-40 ~ +125
Ta=25℃


Similar Part No. - XC9103B091DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9103 TOREX-XC9103 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9103B091DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com