Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9201
Description  PWM Controlled Step-Down DC/DC Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9201 Datasheet HTML 2Page - Torex Semiconductor XC9201 Datasheet HTML 3Page - Torex Semiconductor XC9201 Datasheet HTML 4Page - Torex Semiconductor XC9201 Datasheet HTML 5Page - Torex Semiconductor XC9201 Datasheet HTML 6Page - Torex Semiconductor XC9201 Datasheet HTML 7Page - Torex Semiconductor XC9201 Datasheet HTML 8Page - Torex Semiconductor XC9201 Datasheet HTML 9Page - Torex Semiconductor XC9201 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/24
XC9201 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS. CIRCUITS
Output Voltage
VOUT
IOUT=300mA
4.875
5.000
5.125
V
Maximum
Operating Voltage
VINmax
20
-
-
V
Minimum
Operating Voltage
VINmin
-
-
2.200
V
U.V.L.O. Voltage
VUVLO
EXT voltage = High
1.0
1.4
2.0
V
Supply Current 1
IDD1
VIN=7.5V, CE=VIN=VOUT
-
115
220
μ
A
Supply Current 2
IDD2
VIN=20.0V, CE=VIN, VOUT=VSS
-
130
235
μ
A
Stand-by Current
ISTB
VIN=7.5V, CE=VOUT=VSS
-
0.5
2.0
μ
A
CLK
Oscillation Frequency
FOSC
RT=10.0kΩ, CT=220pF
280
330
380
kHz
Frequency Input Stability
Δ
FOSC
Δ
VIN・FOSC
VIN=2.5V~20V
-
±
5
-
%
Frequency
Temperature Fluctuation
Δ
FOSC
Δ
TOPR・FOSC
VIN=7.5V
Topr=-40~+85℃
-
±
5
-
%
Maximum Duty Cycle
MAXDTY
VOUT=VSS
100
-
-
%
Minimum Duty Cycle
MINDTY
VOUT=VIN
-
-
0
%
Current Limiter Voltage
ILIM
VIN pin voltage - ISEN pin voltage
90
150
220
mV
ISEN Current
IISEN
VIN=7.5V, ISEN=7.5V
4.5
7.0
13.0
μ
A
CE "High" Current
ICEH
CE=VIN=20.0V, VOUT=0V
-0.1
0
0.1
μ
A
CE "Low" Current
ICEL
CE=0V, VIN=20.0V, VOUT=0V
-0.1
0
0.1
μ
A
CE "High" Voltage
VCEH
CLK Oscillation start,
VOUT=0V, CE:Voltage applied
0.6
-
-
V
CE "Low" Voltage
VCEL
CLK Oscillation stop,
VOUT =0V, CE:Voltage applied
-
-
0.2
V
EXT "High"
ON Resistance
REXTH
VEXT=VIN-0.4V,
CE= VOUT
=VIN (*1)
-
21
29
Ω
EXT "Low"
ON Resistance
REXTL
VEXT=0.4V, CE=VIN,
VOUT =VSS (*1)
-
20
27
Ω
Efficiency
(*2)
EFFI
-
93
-
%
Soft-start Time
Tss
Connect Css and Rss,
CE : 0V→7.5V
5
10
20
ms
CC/GAIN Pin
Output Impedance
RCCGAIN
-
400
-
ELECTRICAL CHARACTERISTICS (Continued)
XC9201C50AKR
Unless otherwise stated, VIN=7.5V
NOTE:
*1: On resistance = 0.4V / measurement current
*2: EFFI = {[(output voltage) x (output current)] / [(input voltage) x (input current)]} x 100
*3: The capacity range of the condenser used to set the external CLK frequency is 180 ~ 300pF
Ta=25℃


Similar Part No. - XC9201

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201C00AKL TOREX-XC9201C00AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201C00AKR TOREX-XC9201C00AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201C03AKL TOREX-XC9201C03AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201C03AKR TOREX-XC9201C03AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
More results

Similar Description - XC9201

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com