Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48821 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48821
Description  Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48821 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM48821 Datasheet HTML 4Page - National Semiconductor (TI) LM48821 Datasheet HTML 5Page - National Semiconductor (TI) LM48821 Datasheet HTML 6Page - National Semiconductor (TI) LM48821 Datasheet HTML 7Page - National Semiconductor (TI) LM48821 Datasheet HTML 8Page - National Semiconductor (TI) LM48821 Datasheet HTML 9Page - National Semiconductor (TI) LM48821 Datasheet HTML 10Page - National Semiconductor (TI) LM48821 Datasheet HTML 11Page - National Semiconductor (TI) LM48821 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
//htmlimg2.alldatasheet.com/htmldatasheet2/218574/NSC/LM48821/474/8/LM48821.png


Similar Part No. - LM48821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48821 TI1-LM48821 Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
LM48821 TI1-LM48821 Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise
LM48821TL/NOPB TI1-LM48821TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise
LM48821TLEVAL TI1-LM48821TLEVAL Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
LM48821TLEVAL TI1-LM48821TLEVAL Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise
More results

Similar Description - LM48821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48821 TI1-LM48821_14 Datasheet
1Mb / 24P
[Old version datasheet]   Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com