Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC910D001BKSR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC910D001BKSR
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910D001BKSR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC910D001BKSR Datasheet HTML 2Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 3Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 4Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 5Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 6Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 7Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 8Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 9Page - Torex Semiconductor XC910D001BKSR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/22
XC9101 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
Output Voltage
VOUT
IOUT=300mA
0.8775
0.9
0.9225
V
Maximum
Operating Voltage
VINmax
20
V
Minimum
Operating Voltage
VINmin
2.5
V
Supply Current 1
IDD1
VIN=2.5V, VIN=CE, FB=0.9×0.95V
150
255
μ
A
Supply Current 2
IDD2
VIN=2.5V, CE=VIN,
VOUT=0.9×1.05V
90
176
μ
A
Stand-by Current
ISTB
VIN=2.5V, CE=FB=VSS
0.5
2.0
μ
A
CLK
Oscillation Frequency
FOSC
RT=10.0kΩ, CT=220pF
280
330
380
kHz
Δ
FOSC
Frequency
Line Regulation
Δ
VIN・FOSC
VIN=2.5V~20V
±
5
%
Δ
FOSC
Frequency
Temperature Fluctuation
Δ
Topr・FOSC
VIN=2.5V
Topr=-40~+85℃
±
5
%
Maximum Duty Cycle
MAXDTY
VOUT=0.9×0.95V
79
85
89
%
Minimum Duty Cycle
MINDTY
VOUT=0.9×1.05V
0
%
Current Limiter Voltage
ILIM
VIN pin voltage-ISEN pin voltage
90
150
220
mV
ISEN Current
IISEN
VIN=2.5V, ISEN=2.5V
4.5
7
13
μ
A
CE "High" Current
ICEH
CE=VIN=2.5V, FB=0V
-0.1
0
0.1
μ
A
CE "Low" Current
ICEL
CE=0V, VIN=2.5V, FB=0V
-0.1
0
0.1
μ
A
CE "High" Voltage
VCEH
CLK Oscillation Start,
FB=0V, CE: Voltage applied
0.6
V
CE "Low" Voltage
VCEL
CLK Oscillation Stop,
FB=0V, CE: Voltage applied
0.2
V
EXT "High"
ON Resistance
REXTH
EXT=VIN-0.4V, CE=VIN
VOUT=Setting voltage×0.95V
31
58
Ω
EXT "Low"
ON Resistance
REXTL
EXT=0.4V, CE=VIN
VOUT=Setting voltage×1.05V
27
45
Ω
Efficiency *1
EFFI
88
%
Soft-Start Time
TSS
Connect CSS and RSS,
CE : 0V→2.5V
5
10
20
ms
CC/GAIN Pin
Output Impedance
RCCGAIN
400
XC9101D09AKR
NOTE: Unless otherwise stated, VIN = 2.5V
External Components: RFB1=200kΩ, RFB2=100kΩ, CFB=82pF
*1: EFFI = {[(output voltage) × (output current)] ÷ [(input voltage) × (input current)]} × 100
*2: The capacity range of the capacitor used to set the external CLK frequency is 150 ~ 220pF.
Ta=25℃
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC910D001BKSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC910D001BKSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com