Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9105 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9105
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9105 Datasheet HTML 1Page - Torex Semiconductor XC9105 Datasheet HTML 2Page - Torex Semiconductor XC9105 Datasheet HTML 3Page - Torex Semiconductor XC9105 Datasheet HTML 4Page - Torex Semiconductor XC9105 Datasheet HTML 5Page - Torex Semiconductor XC9105 Datasheet HTML 6Page - Torex Semiconductor XC9105 Datasheet HTML 7Page - Torex Semiconductor XC9105 Datasheet HTML 8Page - Torex Semiconductor XC9105 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
XC9103/XC9104/XC9105 Series
PIN NUMBER
SOT-25
USP-6B
PIN NAME
FUNCTION
1
6
FB
Output Resistor Connection
2
2
VDD
Supply Voltage
CE
Chip Enable
3
4
CE (/PWM)
Serves as both PWM/PFM switching pin and CE pin for XC9105
4
3
GND
Ground
5
1
EXT
External Transistor Connection
-
5
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: With current limiter (180kHz, 300kHz only)
Type of DC/DC Controller
D
: Without current limiter
② ③
Output Voltage
09
: FB voltage (e.g. FB Voltage=0.9V→②=0, ③=9)
3
: 300kHz
1
: 100kHz
2
: 180kHz
Oscillation Frequency
5
: 500kHz
M
: SOT-25 (SOT-23-5)
Package
D
: USP-6B
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
■ PRODUCT CLASSIFICATION
●Ordering Information
XC9103①②③④⑤⑥: PWM Control
XC9104①②③④⑤⑥: PWM/PFM Automatic Switching Control
XC9105①②③④⑤⑥: PWM/PFM Manual Switching Control
The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VDD
(No.2) pin.
FB 6
NC 5
CE 4
1 EXT
2 VDD
3 GND
(TOP VIEW)
FB
VDD
CE
GND
EXT


Similar Part No. - XC9105

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9105 TOREX-XC9105 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9105

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com