Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405DE86MR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6405DE86MR
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405DE86MR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6405DE86MR Datasheet HTML 4Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 5Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 6Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 7Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 8Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 9Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 10Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 11Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8/55
XC6405 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
EN "High" Level Voltage
VENH
1.60
-
VIN
V
EN "Low" Level Voltage
VENL
-
-
0.25
V
EN "High" Level Current
(AA / AD Series)
IENH
VEN=VIN=VROUT(T)+1.0V
-0.10
-
20
μ
A
EN "High" Level Current
(AE /AH Series)
IENH
VEN=VIN=VROUT(T)+1.0V
-0.10
-
0.10
μ
A
EN "Low" Level Current
IENL
VIN=VROUT(T)+1.0V, VEN=VSS
-0.10
-
0.10
μ
A
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
XC6405 AA / AD / AE / AH Series (Continued)
NOTE:
*1:Unless otherwise stated, VIN=VOUT(T)+1.0V
*2:VROUT(T)=Specified VR output voltage
*3:VOUT(E)= Effective VR output voltage. Refer to the E-0 chart for VDF(T) values less than 1.5V.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
*4:Vdif={VIN1
(*6)-VROUT1(*5)}
*5:A voltage equal to 98% of the VR output voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
*6:VIN1=The input voltage when VOUT1, which appears as input voltage is gradually decreased.
*7:VDF (T) : Specified detect voltage value
*8:VDF (E) : Effective detect voltage value. Refer to the E-0 chart for VDF(T) values less than 1.5V.
*9:VD supply current = Supply current when VEN=VSS
*10:VD output current = Sink current during detection.


Similar Part No. - XC6405DE86MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405DE86MR TOREX-XC6405DE86MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405DE86MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com