Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405 Datasheet(PDF) 30 Page - Torex Semiconductor

Part # XC6405
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405 Datasheet(HTML) 30 Page - Torex Semiconductor

Back Button XC6405_1 Datasheet HTML 26Page - Torex Semiconductor XC6405_1 Datasheet HTML 27Page - Torex Semiconductor XC6405_1 Datasheet HTML 28Page - Torex Semiconductor XC6405_1 Datasheet HTML 29Page - Torex Semiconductor XC6405_1 Datasheet HTML 30Page - Torex Semiconductor XC6405_1 Datasheet HTML 31Page - Torex Semiconductor XC6405_1 Datasheet HTML 32Page - Torex Semiconductor XC6405_1 Datasheet HTML 33Page - Torex Semiconductor XC6405_1 Datasheet HTML 34Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
30/55
XC6405 Series
0.5
0.7
0.9
1.1
1.3
1.5
0.51.0
1.52.0
2.5
Input Voltage VIN (V)
0.60
0.80
1.00
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
2.40
2.45
2.50
2.55
2.60
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
1.7
1.9
2.1
2.3
2.5
2.7
2.0
2.5
3.0
Input Voltage VIN (V)
1.65
1.70
1.75
1.80
1.85
1.90
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
1.0
1.2
1.4
1.6
1.8
2.0
1.3
1.8
2.3
Input Voltage VIN (V)
Topr=25℃
CIN=1.0μF (ceramic), CL=4.7μF (ceramic)
IOUT=0mA
1mA
30mA
100mA
Topr=25℃
CIN=1.0μF (ceramic), CL=4.7μF (ceramic)
IOUT=0mA
1mA
30mA
100mA
Topr=25℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
Topr=25℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
IOUT=0mA
1mA
30mA
100mA
IOUT=0mA
1mA
30mA
100mA
IOUT=0mA
1mA
30mA
100mA
IOUT=0mA
1mA
30mA
100mA
Topr=25℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
Topr=25℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
XC6405 Series (VR:0.9V)
XC6405 Series (VR:0.9V)
XC6405 Series (VR:1.8V)
XC6405 Series (VR:1.8V)
XC6405 Series (VR:2.5V)
XC6405 Series (VR:2.5V)
(2) VR Output Voltage vs. Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Similar Part No. - XC6405_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405A TOREX-XC6405A Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405B TOREX-XC6405B Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405C TOREX-XC6405C Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com