Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6221
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6221_1 Datasheet HTML 1Page - Torex Semiconductor XC6221_1 Datasheet HTML 2Page - Torex Semiconductor XC6221_1 Datasheet HTML 3Page - Torex Semiconductor XC6221_1 Datasheet HTML 4Page - Torex Semiconductor XC6221_1 Datasheet HTML 5Page - Torex Semiconductor XC6221_1 Datasheet HTML 6Page - Torex Semiconductor XC6221_1 Datasheet HTML 7Page - Torex Semiconductor XC6221_1 Datasheet HTML 8Page - Torex Semiconductor XC6221_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC6221x182
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Time (500us/div)
0
50
100
150
200
250
300
Output Voltage
Output Current
VIN=CE=2.8V, Tr=Tf=5us
Topr=25℃, CIN=CL=1uF (ceramic)
■APPLICATIONS
●Cellular phones
●Cordless phones
●Wireless communication equipment
●Portable games
●Cameras, VCRs
●Portable AV equipment
●PDAs
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Output Current
: 200mA <Up to 250mA (TYP.)>
Dropout Voltage
: 80mV@ IOUT=100mA,
VOUT(T)=3.0V
Operating Voltage Range
: 1.6V ~ 6.0V
: 0.8V~4.0V (50mV increments)
Output Voltage
Setting Range Accuracy
Low Power Consumption
Stand-by Current
: +2% (VOUT >1.5V)
(+1% Possible)
+30mV (VOUT≦1.45V)
(+20mV Possible)
: 25μA (TYP.)
: Less than 0.1μA
High Ripple Rejection
: 70dB @ 1kHz
Operating Temperature
Range
: -40℃~85℃
Low ESR Capacitor
: 1.0μF ceramic capacitor
compatible
CMOS
CL High-Speed Auto-Discharge (XC6221B)
Low Output Noise
Ultra Small Packages
: USP-4, SOT-25, SSOT-24
■ TYPICAL PERFORMANCE
CHARACTERISTICS
●Load Transient Response
■GENERAL DESCRIPTION
The XC6221 series are precise, low noise, high speed, low dropout regulators. They are fabricated using Torex’s CMOS
process. Performance features of the series include high ripple rejection and low dropout voltage, and the series include a
reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit.
The CE function enables the circuit to be in stand-by mode by inputing L level signal. In the stand-by mode, the series
enables the electric charge at the output capacitor (CL) to be discharged via the internal auto-discharge resistance, and as a
result the VOUT pin quickly returns to the VSS level. The series' output stabilization capacitor (CL) is also compatible with low
ESR ceramic capacitors.
Output voltage is selectable in 50mV increments within a range of 0.8V~4.0V, using laser trimming technologies.
The current limiter's foldback circuit also operates as a short circuit protection for the output current limiter and the output
pin. The series achieves a great response with only 25μA of low power consumption. Also the series has low dropout
voltage characteristics, which is 80mA at IOUT=100mA and VOUT(T)=3.0V.
With the use of ultra small package, USP-4 package, a small footprint circuit can be designed.
ETR0328_004


Similar Part No. - XC6221_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A0817R-G TOREX-XC6221A0817R-G Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A081GR TOREX-XC6221A081GR Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A081GR-G TOREX-XC6221A081GR-G Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A081MR TOREX-XC6221A081MR Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com