Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYL296 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LYL296
Description  SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYL296 Datasheet(HTML) 3 Page - OSRAM GmbH

  LYL296 Datasheet HTML 1Page - OSRAM GmbH LYL296 Datasheet HTML 2Page - OSRAM GmbH LYL296 Datasheet HTML 3Page - OSRAM GmbH LYL296 Datasheet HTML 4Page - OSRAM GmbH LYL296 Datasheet HTML 5Page - OSRAM GmbH LYL296 Datasheet HTML 6Page - OSRAM GmbH LYL296 Datasheet HTML 7Page - OSRAM GmbH LYL296 Datasheet HTML 8Page - OSRAM GmbH LYL296 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LS L296, LA L296, LO L296, LY L296
2007-10-18
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LA
LO, LY
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 110
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
60
30
mA
Stoßstrom
Surge current
t
10 μs, D = 0.1, T
A=25°C
I
FM
0.5
0.25
A
Sperrspannung
3) Seite 15
Reverse voltage
3) page 15
(
T
A=25°C)
V
R
12
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
170
80
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
4) Seite 15
Junction/ambient
4) page 15
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
500
290
K/W
K/W


Similar Part No. - LYL296

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYL296 OSRAM-LYL296 Datasheet
394Kb / 20P
   SMARTLED
LYL296-P1R2-26 OSRAM-LYL296-P1R2-26 Datasheet
394Kb / 20P
   SMARTLED
LYL296-P1R2-26 OSRAM-LYL296-P1R2-26 Datasheet
394Kb / 20P
   SMARTLED
LYL296-P2R1-26 OSRAM-LYL296-P2R1-26 Datasheet
394Kb / 20P
   SMARTLED
LYL296-P2R1-26 OSRAM-LYL296-P2R1-26 Datasheet
394Kb / 20P
   SMARTLED
More results

Similar Description - LYL296

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A2290 OSRAM-Q65110A2290 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com