Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84129I Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # X84129I
Description  關Port Saver EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84129I Datasheet(HTML) 6 Page - IC MICROSYSTEMS

Back Button X84129I Datasheet HTML 2Page - IC MICROSYSTEMS X84129I Datasheet HTML 3Page - IC MICROSYSTEMS X84129I Datasheet HTML 4Page - IC MICROSYSTEMS X84129I Datasheet HTML 5Page - IC MICROSYSTEMS X84129I Datasheet HTML 6Page - IC MICROSYSTEMS X84129I Datasheet HTML 7Page - IC MICROSYSTEMS X84129I Datasheet HTML 8Page - IC MICROSYSTEMS X84129I Datasheet HTML 9Page - IC MICROSYSTEMS X84129I Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X84161/641/129
6
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................... –65
°C to +135°C
Storage Temperature ........................... –65
°C to +150°C
Terminal Voltage with
Respect to VSS .......................................–1V to +7V
DC Output Current................................................... 5mA
Lead Temperature (Soldering, 10 seconds)..........300
°C
RECOMMENDED OPERATING CONDITIONS
7008 FRM T02
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
7008 FRM T03
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military†
–55
°C
+125
°C
Supply Voltage
Limits
X84161/641/129
5V
±10%
X84161/641/129 – 2.5
2.5V to 5.5V
X84161/641/129 – 1.8
1.8V to 3.6V
D.C. OPERATING CHARACTERISTICS (VCC = 5V ±10%)
(Over the recommended operating conditions, unless otherwise specified.)
7008 FRM T04.2
Notes: (1) VIL Min. and VIH Max. are for reference only and are not tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current (Read)
1
mA
OE = VIL, WE = VIH,
I/O = Open, CE clocking @ 10MHz
ICC2
VCC Supply Current (Write)
2
mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
1
µA
CE = VCC, Other Inputs = VCC or VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA
Notes:
Contact factory for Military availability


Similar Part No. - X84129I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84129 XICOR-X84129 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84129P XICOR-X84129P Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84129P-1.8 XICOR-X84129P-1.8 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84129P-2.5 XICOR-X84129P-2.5 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84129PI XICOR-X84129PI Datasheet
170Kb / 18P
   uPort Saver EEPROM
More results

Similar Description - X84129I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com