Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84160E-2.5 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X84160E-2.5
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160E-2.5 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X84160E-2.5 Datasheet HTML 1Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 2Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 3Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 4Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 5Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 6Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84160E-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
X84160/640/128
2
PIN DESCRIPTIONS
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/
write operations. When CE is HIGH, the chip is dese-
lected, the I/O pin is in the high impedance state, and
unless a nonvolatile write operation is underway, the
device is in the standby power mode.
Output Enable (OE)
The Output Enable input must be LOW to enable the out-
put buffer and to read data from the device on the I/O line.
Write Enable (WE)
The Write Enable input must be LOW to write either data
or command sequences to the device.
Data In/Data Out (I/O)
Data and command sequences are serially written to or
serially read from the device through the I/O pin.
Write Protect (WP)
The Write Protect input controls the Hardware Write Pro-
tect feature. When WP is LOW and the nonvoltaile bit
WPEN is “1”, nonvolatile writes of the X84160/640/128
control register is disabled, but the part otherwise func-
tions normally. When WP is held HIGH, all functions,
including nonvolatile write operate normally. WP going
LOW while CS is still LOW will interrupt a write to the
X84160/640/128 control register. If the internal Write
cycle has already been initiated, WP going LOW will
have no effect on write.
The WP pin function is blocked when the WPEN bit in the
control register is “0”. This allows the user to install the
X84160/640/128 in a system with WP pin grounded and
still be able to write to the control register. The WP pin
functions will be enabled when the WPEN bit is set “1”.
PIN CONFIGURATIONS: Drawings are to the same scale, actual package sizes are shown in inches:
VCC
NC
OE
WE
CE
I/O
WP
VSS
1
2
3
4
8
7
6
5
8-LEAD SOIC
1
2
3
4
5
6
7
8
14
13
12
11
10
9
14-LEAD SOIC
CE
I/O
NC
NC
NC
WP
VSS
V CC
NC
NC
NC
NC
OE
WE
PIN NAMES
I/O
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
WP
Write Protect Input
VCC
Supply Voltage
VSS
Ground
NC
No Connect
PACKAGE
SELECTION GUIDE
84160
8-Lead PDIP
8-Lead SOIC
8-Lead TSSOP
84640
8-Lead CSP/BGA
8-Lead PDIP
8-Lead SOIC
20-Lead TSSOP
84128
8-Lead CSP/BGA
8-Lead PDIP
14-Lead SOIC
28-Lead TSSOP
1
2
3
4
5
6
7
20
19
18
17
16
15
14
20-LEAD TSSOP
CE
I/O
NC
NC
NC
WP
VSS
VCC
NC
NC
NC
NC
OE
WE
8
9
10
13
12
11
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
20
19
18
17
16
15
28-LEAD TSSOP
NC
NC
WP
VSS
NC
NC
NC
OE
WE
NC
NC
8
9
10
I/O
CE
NC
VCC
NC
NC
CE
CE
NC
NC
NC
NC
NC
NC
11
12
13
14
21
22
23
24
25
26
27
28
X84160
X84640
X84128
.190 in.
.230 in.
.230 in.
.390 in.
.250 in.
.394 in.
.252 in.
. 252 in.
X84128
X84640
NC
NC
NC
OE
NC
VCC
CE
I/O
1
2
3
4
8
7
6
5
8-LEAD TSSOP
X84160
.114 in.
.252 in.
WE
WP
VSS
8-LEAD PDIP
8-LEAD XBGA: Top View
NC
WE
OE
VSS
WP
VCC
I/O
CE
1
2
3
4
8
7
6
5
.078 in.


Similar Part No. - X84160E-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84160E-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com