Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F200V8 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X76F200V8
Description  Secure Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F200V8 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X76F200V8 Datasheet HTML 5Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 6Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 7Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 8Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 9Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 10Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 11Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 12Page - IC MICROSYSTEMS X76F200V8 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X76F200
9
AC CHARACTERISTICS
(TA = -40˚C to +85˚C, VCC = +2.0V to +5.5V, unless otherwise specified.)
Notes:1.
Cb = total capacitance of one bus line in pF
2. tAA = 1.1µs Max belo w VCC = 2.0V.
RESET AC SPECIFICATIONS
Power Up Timing
Notes:1.
Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled and not
100% tested.
2.
Typical values are for TA = 25˚C and VCC = 5.0V
Nonvolatile Write Cycle Timing
Notes:1.
tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the
minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Symbol
Parameter
Min
Max
Units
fSCL
SCL Clock Frequency
0
1
MHz
tAA(2)
SCL LOW to SDA Data Out Valid
0.1
0.9
s
tBUF
Time the Bus Must Be Free Before a New Transmission Can Start
1.2
s
tHD:STA
Start Condition Hold Time
0.6
s
tLOW
Clock LOW Period
1.2
s
tHIGH
Clock HIGH Period
0.6
s
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
s
tHD:DAT
Data In Hold Time
10
ns
tSU:DAT
Data In Setup Time
100
ns
tR
SDA and SCL Rise Time
20+0.1XCb (1)
300
ns
tF
SDA and SCL Fall Time
20+0.1XCb (1)
300
ns
tSU:STO
Stop Condition Setup Time
0.6
s
tDH
Data Out Hold Time
0
s
tNOL
RST to SCL Non-Overlap
500
ns
tRDV
RST LOW to SDA Valid During Response to Reset
0
450
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
450
ns
tRST
RST High Time
1.5
s
tSU:RST
RST Setup Time
500
ns
Symbol
Parameter
Min.
Typ
(2)
Max.
Units
tPUR (1)
Time from Power Up to Read
1
mS
tPUW (1)
Time from Power Up to Write
5
mS
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
tWC(1)
Write Cycle Time
5
10
mS


Similar Part No. - X76F200V8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200V8 XICOR-X76F200V8 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200V8-2.0 XICOR-X76F200V8-2.0 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200V8I XICOR-X76F200V8I Datasheet
77Kb / 16P
   Secure SerialFlash
X76F200V8I-2.0 XICOR-X76F200V8I-2.0 Datasheet
77Kb / 16P
   Secure SerialFlash
More results

Similar Description - X76F200V8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com