Electronic Components Datasheet Search |
|
X25057M-1.8 Datasheet(PDF) 1 Page - IC MICROSYSTEMS |
|
X25057M-1.8 Datasheet(HTML) 1 Page - IC MICROSYSTEMS |
1 / 16 page © Xicor, Inc. 1994 – 1997 Patents Pending 7033-1.1 5/8/97 T1/C0/D0 SH 1 Characteristics subject to change without notice 4K X25057 512 x 8 Bit 5MHz Low Power SPI Serial E 2PROM with IDLock™ Memory FEATURES •5MHz Clock Rate •IDLock™ Memory —IDLock First or Last Page, Any 1/4 or Lower 1/2 of E 2PROM Array •Low Power CMOS —<1∝A Standby Current —<3mA Active Current during Write — <400∝A Active Current during Read •1.8V to 3.6V, 2.7V-5.5V or 4.5V to 5.5V Operation •Built-in Inadvertent Write Protection —Power-Up/Power-Down Protection Circuitry — Write Enable Latch —Write Protect Pin •SPI Modes (0,0 & 1,1) •512 x 8 Bits —16 Byte Page Mode •Self-Timed Write Cycle —5ms Write Cycle Time (Typical) •High Reliability —Endurance: 100,000 Cycles/Byte —Data Retention: 100 Years —ESD: 2000V on all pins •8-Lead MSOP Package •8- Lead TSSOP Package •8-Lead SOIC Package •8-Lead PDIP Package DESCRIPTION The X25057 is a CMOS 4K-bit serial E 2PROM, internally organized as 512 x 8. The X25057 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple four-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus. IDLock is a programmable locking mechanism which allows the user to lock system ID and parametric data in different portions of the E 2PROM memory space, ranging from as little as one page to as much as 1/2 of the total array. The X25057 also features a WP pin that can be used for hardwire protection of the part, disabling all write attempts, as well as a Write Enable Latch that must be set before a write operation can be initiated. The X25057 utilizes Xicor’s proprietary Direct Write TM cell, providing a minimum endurance of 100,000 cycles per byte and a minimum data retention of 100 years. FUNCTIONAL DIAGRAM COMMAND DECODE AND CONTROL LOGIC WRITE CONTROL LOGIC DATA REGISTER Y DECODE LOGIC X DECODE LOGIC HIGH VOLTAGE CONTROL 4K E 2 PROM ARRAY (512 x 8) SO SI SCK CS WP 8 16 32 7033 FRM F01 This X25057 device has been acquired by IC MICROSYSTEMS from Xicor, Inc. ICmic IC MICROSYSTEMS TM |
Similar Part No. - X25057M-1.8 |
|
Similar Description - X25057M-1.8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |