Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F101S Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X76F101S
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101S Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X76F101S Datasheet HTML 3Page - IC MICROSYSTEMS X76F101S Datasheet HTML 4Page - IC MICROSYSTEMS X76F101S Datasheet HTML 5Page - IC MICROSYSTEMS X76F101S Datasheet HTML 6Page - IC MICROSYSTEMS X76F101S Datasheet HTML 7Page - IC MICROSYSTEMS X76F101S Datasheet HTML 8Page - IC MICROSYSTEMS X76F101S Datasheet HTML 9Page - IC MICROSYSTEMS X76F101S Datasheet HTML 10Page - IC MICROSYSTEMS X76F101S Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X76F101
7
PASSWORDS
Passwords are changed by sending the "change read
password" or "change write password" commands in a
normal
sector write operation. A full eight bytes
containing the new password must be sent, following
successful transmission of the current write password and
a valid password ACK response. The user can use a
repeated ACK Polling command to check that a new
password has been written correctly. An ACK indicates
that the new password is valid.
There is no way to read any of the passwords.
RESPONSE TO RESET (DEFAULT = 19 01 AA 55)
The ISO Response to reset is controlled by the RST, CS and
CLK pins. When RST is pulsed high, while CS is low,
the device will output 32 bits of data, one bit per clock.
This conforms to the ISO standard for “synchronous
response to reset”. CS must remain LOW and the part
must not be in a write cycle for the response to reset to
occur.
After initiating a nonvolatile write cycle the RST pin must not
be pulsed until the nonvolatile write cycle is complete.
If not, the ISO response will not be activated. Also, any attempt
to pulse the RST pin in the middle of an ISO
transaction will stop the transaction with the SDA pin in high
impedance. The user will have to issue a stop
condition and start the transaction again. If at any time
during the Response to Reset CS goes HIGH, the
response to reset will be aborted and the part will return
to the standby state. A Response to Reset is not
available during a nonvolatile write cycle.
Continued clocks after the 32 bits, will output the 32 bit
sequence again, starting at byte 0.
Figure 7. Response to RESET (RST)
CS
SCK
SO
RST
Byte
0
MSB
LSB
LSB
MSB
1
LSB
MSB LSB
MSB
2
3
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias.....................–65°C to +135°C
Storage Temperature..........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS.......................................
–1V to +7V
D.C. Output Current
..................................................
5mA
Lead Temperature
(Soldering, 10 seconds)..................................300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of the
device at these or any other conditions above those
listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.


Similar Part No. - X76F101S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F101S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com