Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25097VG-2.7 Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X25097VG-2.7
Description  5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25097VG-2.7 Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X25097VG-2.7 Datasheet HTML 1Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 2Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 3Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 4Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X25097
4
IDLock Operation
Prior to any attempt to perform an IDLock Operation, the
WREN instruction must first be issued. This instruction
sets the “Write Enable” latch and allows the part to
respond to an IDLock sequence (Figure 7). The IDLock
instruction follows and consists of one command byte fol-
lowed by one IDLock byte (See Figure 1). This byte con-
tains the IDLock bits IDL2-IDL0. The rest of the bits [7:3]
are unused and must be written as zeroes. Bringing CS
HIGH after the two byte IDLock instruction initiates a
nonvolatile write to the Status Register. Writing more
than one byte to the Status Register will overwrite the
previously written IDLock byte. See Table 1.
Operational Notes
The X25097 powers up in the following state:
• The device is in the low power, standby state.
• A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
• SO pin is at high impedance.
• The “Write Enable” latch is reset.
Data Protection
The following circuitry has been included to prevent inad-
vertant writes:
• The “Write Enable” latch is reset upon power-up.
• A WREN instruction must be issued to set the “Write
Enable” latch.
• CS must come HIGH at the proper clock count in order
to start a write cycle.
Table 1. Instruction Set and Block Lock Protection Byte Definition
7038 FRM T03
*Instructions are shown with MSB in leftmost position. Instructions are transferred MSB first.
Instruction Format*
Instruction Name and Operation
0000 0110
WREN: Set the Write Enable Latch (Write Enable Operation)
0000 0100
WRDI: Reset the Write Enable Latch (Write Disable Operation)
0000 0001
IDLock Instruction—followed by:
IDLock Byte: (See Figure 1)
0000 0000 --->NO IDLock: 00h-00h - - - - - - - - - - - >None of the Array
0000 0001 --->IDLock Q1: 0000h-00FFh - - - - - - - >Lower Quadrant (Q1)
0000 0010 --->IDLock Q2: 0100h-01FFh - - - - - - - >Q2
0000 0011 --->IDLock Q3: 0200h-02FFh - - - - - - - >Q3
0000 0100 --->IDLock Q4: 0300h-03FFh - - - - - - - >Upper Quadrant (Q4)
0000 0101 --->IDLock H1: 0000h-01FFh - - - - - - - >Lower Half of the Array (H1)
0000 0110 --->IDLock P0: 0000h-000Fh - - - - - - - >Lower Page (P0)
0000 0111 --->IDLock Pn: 03F0h-03FFh - - - - - - - >Upper Page (Pn)
0000 0101
READ STATUS: Reads IDLock & write in progress status on SO Pin
0000 0010
WRITE: Write operation followed by address and data
0000 0011
READ: Read operation followed by address


Similar Part No. - X25097VG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097V XICOR-X25097V Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097V-1.8 XICOR-X25097V-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097V-2.7 XICOR-X25097V-2.7 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097VI XICOR-X25097VI Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097VI-1.8 XICOR-X25097VI-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
More results

Similar Description - X25097VG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
   SPI SERIAL E2PROM
Rev.6.0_00_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
   SPI SERIAL E2PROM
Rev.2.2_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com