Electronic Components Datasheet Search |
|
X25040P-3 Datasheet(PDF) 5 Page - IC MICROSYSTEMS |
|
X25040P-3 Datasheet(HTML) 5 Page - IC MICROSYSTEMS |
5 / 14 page X25040 5 Figure 1. Read E2PROM Array Operation Sequence Figure 2. Read Status Register Operation Sequence Operational Notes The X25040 powers-up in the following state: • The device is in the low power standby state. • A HIGH to LOW transition on CS is required to enter an active state and receive an instruction. • SO pin is high impedance. • The “write enable” latch is reset. Data Protection The following circuitry has been included to prevent inadvertent writes: • The “write enable” latch is reset upon power-up. • A WREN instruction must be issued to set the “write enable” latch. • CS must come HIGH at the proper clock count in order to start a write cycle. 0123456789 10 11 12 13 14 76543210 DATA OUT CS SCK SI SO MSB HIGH IMPEDANCE INSTRUCTION 6451 ILL F13 0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 6451 FHD F14 76543210 DATA OUT CS SCK SI SO MSB HIGH IMPEDANCE INSTRUCTION BYTE ADDRESS 7 6543210 8 9TH BIT OF ADDRESS |
Similar Part No. - X25040P-3 |
|
Similar Description - X25040P-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |